Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2000-CP Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS2000-CP
Description  Fractional-N Clock Synthesizer & Clock Multiplier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2000-CP Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS2000-CP_15 Datasheet HTML 20Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 21Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 22Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 23Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 24Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 25Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 26Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 27Page - Cirrus Logic CS2000-CP_15 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
CS2000-CP
24
DS761F3
5.6
Clock Output Stability Considerations
5.6.1
Output Switching
CS2000 is designed such that re-configuration of the clock routing functions do not result in a partial clock
period on any of the active outputs (CLK_OUT and/or AUX_OUT). In particular, enabling or disabling an
output, changing the auxiliary output source between REF_CLK and CLK_OUT, changing between Fre-
quency Synthesizer and Hybrid PLL Mode, and the automatic disabling of the output(s) during unlock will
not cause a runt or partial clock period.
The following exceptions/limitations exist:
• Enabling/disabling AUX_OUT when AuxOutSrc[1:0] = 11 (unlock indicator).
• Switching AuxOutSrc[1:0] to or from 01 (PLL clock input) and to or from 11 (unlock indicator)
(Transitions between AuxOutSrc[1:0] = [00,10] will not produce a glitch).
• Changing the ClkOutUnl bit while the PLL is in operation.
When any of these exceptions occur, a partial clock period on the output may result.
5.6.2
PLL Unlock Conditions
Certain changes to the clock inputs and registers can cause the PLL to lose lock which will affect the pres-
ence the clock signal on CLK_OUT. The following outlines which conditions cause the PLL to go un-
locked:
• Changes made to the registers which affect the Fraction-N value that is used by the Frequency Syn-
thesizer. This includes all the bits shown in Figure 18 on page 22.
• Any discontinuities on the Timing Reference Clock, REF_CLK.
• Discontinuities on the Frequency Reference Clock, CLK_IN, except when the Clock Skipping feature
is enabled and the requirements of Clock Skipping are satisfied (see “CLK_IN Skipping Mode” on
page 15).
• Gradual changes in CLK_IN frequency greater than ±30% from the starting frequency.
• Step changes in CLK_IN frequency.
5.7
Required Power Up Sequencing
• Apply power to the device. The output pins will remain low until the device is configured with a valid ratio
via the control port.
• Write the desired operational configurations. The EnDevCfg1 and EnDevCfg2 bits must be set to 1
during the initialization register writes; the order does not matter.
The Freeze bit may be set prior to this step and cleared afterward to ensure all settings take effect
at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com