Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6684 Datasheet(PDF) 63 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 63 Page - Analog Devices

Back Button AD6684 Datasheet HTML 59Page - Analog Devices AD6684 Datasheet HTML 60Page - Analog Devices AD6684 Datasheet HTML 61Page - Analog Devices AD6684 Datasheet HTML 62Page - Analog Devices AD6684 Datasheet HTML 63Page - Analog Devices AD6684 Datasheet HTML 64Page - Analog Devices AD6684 Datasheet HTML 65Page - Analog Devices AD6684 Datasheet HTML 66Page - Analog Devices AD6684 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 107 page
background image
Data Sheet
AD6684
Rev. 0 | Page 63 of 107
Example 2: ADC with NSR Option (Two ADCs + NSR in
Each Pair)
The chip application mode is NSR mode (see Figure 100) with
the following characteristics:
Two 14-bit converters at 500 MSPS
NSR blocks enabled for each channel
Chip decimation ratio = 1
The JESD204B output configuration is as follows:
Virtual converters required = 2 (see Table 33).
Output sample rate (fOUT) = 500 MSPS
N΄ = 16 bits
N = 9 bits
L = 2, M = 2, and F = 2 (quick configuration = 0x49)
CS = 0 to 2
K = 32
Output serial lane rate = 10 Gbps per lane (L = 2)
Set Bits[7:4] to 0x0 in Register 0x056E
JESD204B
TRANSMIT
INTERFACE
(JTX)
1 OR 2 LANES
REAL
REAL
CONVERTER 0
AT 500MSPS
AT UP TO 15Gbps
NSR
(21% OR 28%
BANDWIDTH)
14-BIT ADC
CORE
AT 500MSPS
14-BIT ADC
CORE
AT 500MSPS
14-BIT ADC
CORE
AT 500MSPS
14-BIT ADC
CORE
AT 500MSPS
REAL
REAL
CONVERTER 1
AT 500MSPS
NSR
(21% OR 28%
BANDWIDTH)
CONVERTER 0
AT 500MSPS
NSR
(21% OR 28%
BANDWIDTH)
CONVERTER 1
AT 500MSPS
NSR
(21% OR 28%
BANDWIDTH)
JESD204B
TRANSMIT
INTERFACE
(JTX)
1 OR 2 LANES
AT UP TO 15Gbps
Figure 100. Two ADC + NSR Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com