Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6684 Datasheet(PDF) 97 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 97 Page - Analog Devices

Back Button AD6684 Datasheet HTML 93Page - Analog Devices AD6684 Datasheet HTML 94Page - Analog Devices AD6684 Datasheet HTML 95Page - Analog Devices AD6684 Datasheet HTML 96Page - Analog Devices AD6684 Datasheet HTML 97Page - Analog Devices AD6684 Datasheet HTML 98Page - Analog Devices AD6684 Datasheet HTML 99Page - Analog Devices AD6684 Datasheet HTML 100Page - Analog Devices AD6684 Datasheet HTML 101Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 107 page
background image
Data Sheet
AD6684
Rev. 0 | Page 97 of 107
Address
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x0556
Pair map
User Pattern
3 MSB
[7:0]
User Pattern 3[15:8]
User Test Pattern 3 most significant byte
0x0
R/W
0x0557
Pair map
User Pattern
4 LSB
[7:0]
User Pattern 4[7:0]
User Test Pattern 4 least significant byte
0x0
R/W
0x0558
Pair map
User Pattern
4 MSB
[7:0]
User Pattern 4[15:8]
User Test Pattern 4 most significant byte
0x0
R/W
0x0559
Pair map
Output
Control
Mode 0
7
Reserved
Reserved.
0x0
R
[6:4]
Converter Control Bit 1
selection
0x0
R/W
000
Tie low (1'b0).
001
Overrange bit.
010
Signal monitor bit or VDR punish Bit 0.
011
Fast detect (FD) bit or VDR punish Bit 1.
100
VDR high/low resolution bit.
101
SYSREF.
110
Reserved.
111
Reserved.
3
Reserved
Reserved.
0x0
R
[2:0]
Converter Control Bit 0
selection
0x0
R/W
000
Tie low (1'b0)
001
Overrange bit.
010
Signal monitor or VDR punish Bit 0.
011
Fast detect (FD) bit or VDR punish Bit 1.
100
VDR high/low resolution bit.
101
SYSREF.
0x055A
Pair Map
Output
Control
Mode 1
[7:3]
Reserved
Reserved.
0x0
R
[2:0]
Converter control Bit 2
selection
0x1
R/W
000
Tie low (1'b0).
001
Overrange bit.
010
Signal monitor bit or VDR punish Bit 0.
011
Fast detect (FD) bit or VDR punish Bit 1.
100
VDR high/low resolution bit.
101
SYSREF.
110
Reserved.
111
Reserved.
0x0561
Pair map
output
sample
mode
[7:3]
Reserved
Reserved.
0x0
R
2
Sample invert
0x0
R/W
0
ADC sample data is not inverted.
1
ADC sample data is inverted.
[1:0]
Data format select
0x1
R/W
00
Offset binary.
01
Twos complement (default).
0x0564
Pair map
output
channel
select
[7:2]
Reserved
Reserved.
0x0
R
1
Reserved
Reserved.
0x0
R/W
0
Converter channel swap
control
0x0
R/W
0
Normal channel ordering.
1
Channel swap enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com