Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6684 Datasheet(PDF) 66 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 66 Page - Analog Devices

Back Button AD6684 Datasheet HTML 62Page - Analog Devices AD6684 Datasheet HTML 63Page - Analog Devices AD6684 Datasheet HTML 64Page - Analog Devices AD6684 Datasheet HTML 65Page - Analog Devices AD6684 Datasheet HTML 66Page - Analog Devices AD6684 Datasheet HTML 67Page - Analog Devices AD6684 Datasheet HTML 68Page - Analog Devices AD6684 Datasheet HTML 69Page - Analog Devices AD6684 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 107 page
background image
AD6684
Data Sheet
Rev. 0 | Page 66 of 107
YES
UPDATE
SETUP/HOLD
DETECTOR STATUS
(0x0128)
INCREMENT
SYSREF± IGNORE
COUNTER
YES
NO
SYSREF±
ENABLED?
(0x0120)
NO
CLOCK
DIVIDER
> 1?
(0x010B)
YES
NO
INPUT
CLOCK
DIVIDER
ALIGNMENT
REQUIRED?
YES
NO
NO
YES
ALIGN CLOCK
DIVIDER
PHASE TO
SYSREF
SYNCHRONIZATION
MODE?
(0x01FF)
TIMESTAMP
MODE
NORMAL
MODE
YES
SYSREF±
INSERTED
IN JESD204B
CONTROL BITS
BACK TO START
NO
DDC NCO
ALIGNMENT
ENABLED?
(0x0300)
YES
NO
NO
YES
SEND K28.5
CHARACTERS
NORMAL
JESD204B
INITIALIZATION
SYSREF±
CONTROL BITS?
(0x0559, 0x055A,
0x058F)
RESET
SYSREF± IGNORE
COUNTER
NO
START
SYSREF±
ASSERTED?
YES
NO
YES
ALIGN SIGNAL
MONITOR
COUNTERS
YES
NO
NO
YES
NO
INCREMENT
SYSREF±
COUNTER
(0x012A)
SYSREF±
TIMESTAMP
DELAY
(0x0123)
BACK TO START
SYSREF±
IGNORE
COUNTER
EXPIRED?
(0x0121)
CLOCK
DIVIDER
AUTO ADJUST
ENABLED?
(0x0108)
RAMP
TEST
MODE
ENABLED?
(0x0550)
SYSREF± RESETS
RAMP TEST
MODE
GENERATOR
JESD204B
LMFC
ALIGNMENT
REQUIRED?
ALIGN PHASE
OF ALL
INTERNAL CLOCKS
(INCLUDING LMFC)
TO SYSREF±
SEND INVALID
8-BIT/10-BIT
CHARACTERS
(ALL ZEROS)
SYNC~
ASSERTED
SIGNAL
MONITOR
ALIGNMENT
ENABLED?
(0x026F)
ALIGN DDC
NCO PHASE
ACCUMULATOR
Figure 101. Multichip Synchronization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com