Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6684 Datasheet(PDF) 95 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 95 Page - Analog Devices

Back Button AD6684 Datasheet HTML 91Page - Analog Devices AD6684 Datasheet HTML 92Page - Analog Devices AD6684 Datasheet HTML 93Page - Analog Devices AD6684 Datasheet HTML 94Page - Analog Devices AD6684 Datasheet HTML 95Page - Analog Devices AD6684 Datasheet HTML 96Page - Analog Devices AD6684 Datasheet HTML 97Page - Analog Devices AD6684 Datasheet HTML 98Page - Analog Devices AD6684 Datasheet HTML 99Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 107 page
background image
Data Sheet
AD6684
Rev. 0 | Page 95 of 107
Address
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x033E
Pair map
DDC 1 Phase
Offset 1
[7:0]
DDC 1 NCO phase value,
twos complement[15:8]
Twos complement phase offset value for
the NCO.
0x0
R/W
0x033F
Pair map
DDC 1 Phase
Offset 2
[7:0]
DDC 1 NCO phase value,
twos complement[23:16]
Twos complement phase offset value for
the NCO.
0x0
R/W
0x0340
Pair map
DDC 1 Phase
Offset 3
[7:0]
DDC 1 NCO phase value,
twos complement[31:24]
Twos complement phase offset value for
the NCO.
0x0
R/W
0x0341
Pair map
DDC 1 Phase
Offset 4
[7:0]
DDC 1 NCO phase value,
twos complement[39:32]
Twos complement phase offset value for
the NCO.
0x0
R/W
0x0342
Pair map
DDC 1 Phase
Offset 5
[7:0]
DDC 1 NCO phase value,
twos complement[47:40]
Twos complement phase offset value for
the NCO.
0x0
R/W
0x0347
Pair map
DDC 1 test
enable
[7:3]
Reserved
Reserved.
0x0
R
2
DDC 1 Q output test mode
enable
Q samples always use the Test Mode B/
Test Mode D block.
0x0
R/W
0
Test mode disabled.
1
Test mode enabled.
1
Reserved
Reserved.
0x0
R
0
DDC 1 I output test mode
enable
I samples always use the Test Mode A/
Test Mode C block.
0x0
R/W
0
Test mode disabled.
1
Test mode enabled.
0x041E
Channel
map NSR
decimate by
2 control
7
High-pass/low-pass mode
Decimate by 2 high-pass/low-pass mode.
0x0
R/W
0
Enable LPF.
1
Enable HPF.
6
Reserved
Reserved.
0x0
R
[5:4]
Reserved
Reserved.
0x0
R/W
[3:1]
Reserved
Reserved.
0x0
R
0
NSR decimate by 2 enable
0x0
R/W
0
Decimate by 2 disabled.
1
Decimate by 2 enabled.
0x0420
NSR mode
7
Reserved
Reserved.
0x0
R/W
[6:4]
Reserved
Reserved.
0x0
R
[3:1]
NSR mode
0x0
R/W
000
21% BW mode.
001
28% BW mode.
0
Reserved
Reserved.
0x0
R
0x0422
Channel
map NSR
tuning
[7:6]
Reserved
Reserved.
0x0
R
[5:0]
NSR tuning word
Noise shaped requantizer tuning
frequency (see the Noise Shaping
Requantizer (NSR) section for details).
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com