Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6684 Datasheet(PDF) 21 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD6684 Datasheet HTML 17Page - Analog Devices AD6684 Datasheet HTML 18Page - Analog Devices AD6684 Datasheet HTML 19Page - Analog Devices AD6684 Datasheet HTML 20Page - Analog Devices AD6684 Datasheet HTML 21Page - Analog Devices AD6684 Datasheet HTML 22Page - Analog Devices AD6684 Datasheet HTML 23Page - Analog Devices AD6684 Datasheet HTML 24Page - Analog Devices AD6684 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 107 page
background image
Data Sheet
AD6684
Rev. 0 | Page 21 of 107
EQUIVALENT CIRCUITS
AIN
CONTROL
(SPI)
10pF
VIN+x
100Ω
VIN–x
AVDD3
AVDD3
VCM
BUFFER
400Ω
100Ω
AVDD3
AVDD3
3.5pF
AVDD3
3.5pF
Figure 45. Analog Inputs
AVDD1
25Ω
AVDD1
25Ω
16kΩ
16kΩ
VCM = 0.69V
CLK+
CLK–
Figure 46. Clock Inputs
130kΩ
130kΩ
LEVEL
TRANSLATOR
SYSREF+
10kΩ
1.9pF
1.9pF
100Ω
SYSREF–
10kΩ
100Ω
Figure 47. SYSREF± Inputs
DRVDD
DRGND
DRVDD
DRGND
OUTPUT
DRIVER
EMPHASIS/SWING
CONTROL (SPI)
DATA+
DATA–
SERDOUTABx+/
SERDOUTCDx+
x = 0, 1
SERDOUTABx–/
SERDOUTCDx–
x = 0, 1
Figure 48. Digital Outputs
130kΩ
130kΩ
LEVEL
TRANSLATOR
SYNCINB+AB/
SYNCINB+CD
SYNCINB–AB/
SYNCINB–CD
10kΩ
1.9pF
1.9pF
100Ω
2.5kΩ
10kΩ
100Ω
DRVDD
DRGND
DRVDD
DRGND
DRVDD
DRGND
DRGND
DRGND
CMOS
PATH
SYNCINB PIN
CONTROL (SPI)
Figure 49. SYNCINB±AB, SYNCINB±CD Inputs
56kΩ
DGND
DGND
SPIVDD
ESD
PROTECTED
ESD
PROTECTED
SPIVDD
SCLK
Figure 50. SCLK Input
56kΩ
DGND
DGND
ESD
PROTECTED
ESD
PROTECTED
SPIVDD
CSB
Figure 51. CSB Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com