Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6684 Datasheet(PDF) 89 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 89 Page - Analog Devices

Back Button AD6684 Datasheet HTML 85Page - Analog Devices AD6684 Datasheet HTML 86Page - Analog Devices AD6684 Datasheet HTML 87Page - Analog Devices AD6684 Datasheet HTML 88Page - Analog Devices AD6684 Datasheet HTML 89Page - Analog Devices AD6684 Datasheet HTML 90Page - Analog Devices AD6684 Datasheet HTML 91Page - Analog Devices AD6684 Datasheet HTML 92Page - Analog Devices AD6684 Datasheet HTML 93Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 107 page
background image
Data Sheet
AD6684
Rev. 0 | Page 89 of 107
Address
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x0247
Channel map
fast detect
upper thres-
hold LSB
[7:0]
Fast detect upper
threshold [7:0]
LSBs of fast detect upper threshold. Eight
LSBS of the programmable 13-bit upper
threshold that is compared to the fine
ADC magnitude.
0x0
R/W
0x0248
Channel map
fast detect
upper thres-
hold MSB
[7:5]
Reserved
Reserved.
0x0
R
[4:0]
Fast detect upper
threshold[12:8]
LSBs of fast detect upper threshold. Eight
LSBS of the programmable 13-bit upper
threshold that is compared to the fine
ADC magnitude.
0x0
R/W
0x0249
Channel map
fast detect
lower thres-
hold LSB
[7:0]
Fast detect lower
threshold[7:0]
LSBs of fast detect lower threshold. Eight
LSBS of the programmable 13-bit lower
threshold that is compared to the fine
ADC magnitude
0x0
R/W
0x024A
Channel
map fast
detect lower
threshold
MSB
[7:5]
Reserved
Reserved.
0x0
R
[4:0]
Fast detect lower
threshold[12:8]
LSBs of fast detect lower threshold. Eight
LSBS of the programmable 13-bit lower
threshold that is compared to the fine
ADC magnitude
0x0
R/W
0x024B
Channel
map fast
detect dwell
time LSB
[7:0]
Fast detect dwell time[7:0]
LSBs of fast detect dwell time counter target.
This target is a load value for a 16-bit counter
that determines how long the ADC data
must remain below the lower threshold
before the FD_x pins are reset to 0
0x0
R/W
0x024C
Channel
map fast
detect dwell
time MSB
[7:0]
Fast detect dwell
time[15:8]
LSBs of fast detect dwell time counter
target. This target is a load value for a 16-bit
counter that determines how long the ADC
data must remain below the lower threshold
before the FDD_x pins are reset to 0.
0x0
R/W
0x026F
Pair map
signal
monitor
sync control
[7:2]
Reserved
Reserved.
0x0
R
1
Reserved
Reserved.
0x0
R/W
0
Signal monitor
synchronization mode
0x0
R/W
0
Synchronization disabled.
1
Only the next valid edge of the SYSREF± pin
is used to synchronize the signal monitor
block. Subsequent edges of the SYSREF± pin
are ignored. After the next SYSREF± is
received, this bit is cleared. Note that the
SYSREF± input pin must be enabled to
synchronize the signal monitor blocks.
0x0270
Channel
map signal
monitor
control
[7:2]
Reserved
Reserved.
0x0
R
1
Peak detector
0x0
R/W
0
Peak detector disabled.
1
Peak detector enabled.
0
Reserved
Reserved.
0x0
R
0x0271
Channel
map Signal
Monitor
Period 0
[7:0]
Signal monitor period[7:0]
This 24-bit value sets the number of
output clock cycles over which the signal
monitor performs its operation. Bit 0 is
ignored.
0x80
R/W
0x0272
Channel
map Signal
Monitor
Period 1
[7:0]
Signal monitor period[15:8]
This 24-bit value sets the number of
output clock cycles over which the signal
monitor performs its operation. Bit 0 is
ignored.
0x0
R/W
0x0273
Channel
map Signal
Monitor
Period 2
[7:0]
Signal monitor
period[23:16]
This 24-bit value sets the number of
output clock cycles over which the signal
monitor performs its operation. Bit 0 is
ignored.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com