Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSW3101-301-R Datasheet(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Part # MSW3101-301-R
Description  SP3T PIN Diode Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MSW3101-301-R Datasheet(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

Back Button MSW3101-301-R Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MSW3101-301-R Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MSW3101-301-R Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MSW3101-301-R Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MSW3101-301-R Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MSW3101-301-R Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MSW3101-301-R Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MSW3101-301-R Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MSW3101-301-R Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SP3T PIN Diode Switch
Rev. V1
MSW310x-310
7
7
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DS-xxxxxxx
7
SP3T Switch Evaluation Board Schematic
SP3T Switch Evaluation Board Description
Below is the description of MSW310x-310 SP3T
series
shunt
switch
module
control
using
MPD3T28125-701 three channel pin diode driver.
The switch module can also be controlled by using
external
voltage
sources
accordingly.
The
MSW310x-310 series shunt three throw switch can
be fully controlled using MPD3T28125-701 three
channel pin diode driver. Each driver section is
connected to bias the series diode and the shunt
diode of the switch arms. For example, in the
configuration described below for the control of a
symmetrical SP3T switch, driver output V1A biases
the series diode connected between switch ports
J0 and J1, the driver output V1B biases the shunt
diode connected between switch ports J1 and B1.
Similarly driver output V2A biases the series diode
connected between switch ports J0 and J2, output
V2B biases the shunt diode connected between
switch ports J2 and B2 and output V3A biases the
series diode connected between switch ports J0
and J3, the driver output V3B biases the shunt
diode connected between switch ports J3 and B3.
A typical symmetric switch with a driver interface is
shown below. In this circuit, the MPD3T28125-701
driver is used to control the MSW3100-310
symmetrical SP3T switch. The switch is controlled
to operate in one of three operational states, which
are called State 1, State 2 and State 3. In the
descriptions of States 1, 2 and 3 (below), it is
assumed that +VCC1 = 5 V and + VCC2 = 28 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com