Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSW3101-301-R Datasheet(PDF) 11 Page - M/A-COM Technology Solutions, Inc.

Part # MSW3101-301-R
Description  SP3T PIN Diode Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MSW3101-301-R Datasheet(HTML) 11 Page - M/A-COM Technology Solutions, Inc.

Back Button MSW3101-301-R Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MSW3101-301-R Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MSW3101-301-R Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MSW3101-301-R Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MSW3101-301-R Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. MSW3101-301-R Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. MSW3101-301-R Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. MSW3101-301-R Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. MSW3101-301-R Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
SP3T PIN Diode Switch
Rev. V1
MSW310x-310
11
11
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DS-xxxxxxx
11
Calculations of Resistor Values
The magnitude of the forward bias current applied to the
series diode is set by the magnitude of the supply voltage
+VCC1, which is nominally 5 V, the value of resistor R1
and the forward voltage of the series diode, VDIODE,
among other factors. Given the desired current value, the
resistance is given by the formula:
It is important to note that the switch module
evaluation board, as supplied from the factory, is not
capable of handling RF input signals larger than 45
dBm. If performance of the switch under larger input
signals is to be evaluated, an adequate heat sink
must be properly attached to the evaluation board,
and several of the passive components on the board
must be changed in order to safely handle the
dissipated power as well as the high bias voltage
necessary for proper performance. Contact the
factory for recommended components and heat sink.
The magnitude of the current through the shunt
diode is set by the magnitude of the supply voltage
+VCC2, the value of resistor in series with the shunt
diode (R2 or R4 or R5)and the forward voltage of the
shunt diode, VDIODE, among other factors. Given
the desired current value, this resistance is given by
the formula:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com