Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSW3101-301-R Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MSW3101-301-R
Description  SP3T PIN Diode Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MSW3101-301-R Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MSW3101-301-R Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MSW3101-301-R Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MSW3101-301-R Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MSW3101-301-R Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MSW3101-301-R Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MSW3101-301-R Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MSW3101-301-R Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MSW3101-301-R Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MSW3101-301-R Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SP3T PIN Diode Switch
Rev. V1
MSW310x-310
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DS-xxxxxxx
2
MSW3100-310 Electrical Specifications: TA = +25°C, PIN = 0 dBm, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Frequency
—
MHz
50
—
1000
Insertion Loss
Bias State 1: port J0 to J1
Bias State 2: port J0 to J2
Bias State 2: port J0 to J3
dB
—
0.4
0.6
Return Loss
Bias State 1: port J0 to J1
Bias State 2: port J0 to J2
Bias State 2: port J0 to J3
dB
18
20
—
Isolation
Bias State 1: port J0 to J1
Bias State 2: port J0 to J2
Bias State 2: port J0 to J3
dB
50
53
—
CW Incident Power1
Source & Load VSWR = 1.5:1
dBm
—
—
50
Peak Incident Power1
Source & Load VSWR = 1.5:1
Pulse Width = 10 µs, Duty Cycle = 1%
dBm
—
—
57
Switching Time2
10% -90% RF Voltage,
TTL rep rate = 100 kHz
µs
—
2
3
Input IP3
F1 = 500 MHz, F2 = 510 MHz
P1 = P2 = 10 dBm
Measure on path biased to low loss state
dBm
60
65
—
MSW3101-310 Electrical Specifications: TA = +25°C, PIN = 0 dBm, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Frequency
—
MHz
400
—
4000
Insertion Loss
Bias State 1: port J0 to J1
Bias State 2: port J0 to J2
Bias State 2: port J0 to J3
dB
—
0.6
0.8
Return Loss
Bias State 1: port J0 to J1
Bias State 2: port J0 to J2
Bias State 2: port J0 to J3
dB
14
15
—
Isolation
Bias State 1: port J0 to J1
Bias State 2: port J0 to J2
Bias State 2: port J0 to J3
dB
32
34
—
CW Incident Power1
Source & Load VSWR = 1.5:1
dBm
—
—
50
Peak Incident Power1
Source & Load VSWR = 1.5:1
Pulse Width = 10 µs, Duty Cycle = 1%
dBm
—
—
57
Switching Time2
10% -90% RF Voltage,
TTL rep rate = 100 kHz
µs
—
2
3
Input IP3
F1 = 500 MHz, F2 = 510 MHz
P1 = P2 = 10 dBm
Measure on path biased to low loss state
dBm
60
65
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com