Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSW3101-301-R Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MSW3101-301-R
Description  SP3T PIN Diode Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MSW3101-301-R Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MSW3101-301-R Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MSW3101-301-R Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MSW3101-301-R Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MSW3101-301-R Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MSW3101-301-R Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MSW3101-301-R Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MSW3101-301-R Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MSW3101-301-R Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MSW3101-301-R Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SP3T PIN Diode Switch
Rev. V1
MSW310x-310
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DS-xxxxxxx
1
Features
 Wide Frequency Range: 50 MHz to 4 GHz, in 2
bands
 Surface Mount SP3T Switch in Compact Outline:
8 mm L x 5 mm W x 2.5 mm H
 Higher Average Power Handling than Plastic
Packaged
 MMIC Switches: 158 W CW
 High RF Peak Power: 500 W
 Low Insertion Loss: 0.45 dB
 High IIP3: 65 dBm
 Operates From Positive Voltage Only: 5 V & 28 V
to 125 V
 RoHS* Compliant
Description
The MSW3100-301 (50 MHz - 1 GHz) and
MSW3101-301 (400 MHz - 4 GHz) series of surface
mount silicon PIN diode SP3T switches can be used
for high power transmit/receive (TR) symmetrical
switching or active receiver protection. These
switches are manufactured using a proven hybrid
manufacturing process incorporating high voltage
PIN diodes and passive devices integrated on a
ceramic substrate. These low profile, compact,
surface mount components offer superior small and
large signal performance compared to that of MMIC
devices in QFN packages. The SP3T switches are
designed in a symmetrical topology to enable
switched RF port to be used as the high-input-power
-handling port, to minimize insertion loss and to
maximize isolation performance. The very low
thermal resistance (<25ºC/W) of the PIN diodes in
these devices enables them to reliably handle RF
incident power levels of 50 dBm CW and RF peak
incident power levels of 57 dBm in cold switching
applications. The thick I layers of the PIN diodes
(>100 µm), coupled with their long minority carrier
lifetime (>2 µs), produces input third order intercept
point (IIP3) greater than 65 dBm.
These MSW310x-310 Series SP3T switches are
designed to be used in high average and peak
power switch applications, operating from 50 MHz to
4 GHz in two bands, which utilize high volume,
surface mount, solder re-flow manufacturing. These
products are durable and capable of reliably
operating in military, commercial, and industrial
environments.
Ordering Information
Part Number
Package
MSW3100-301-T
tube
MSW3100-301-R
250 or 500 piece reel
MSW3100-301-W
Waffle pack
MSW3101-301-T
tube
MSW3101-301-R
250 or 500 piece reel
MSW3101-301-W
Waffle pack
MSW3100-301-E
RF evaluation board
MSW3101-301-E
RF evaluation board
CS310
* Restrictions on Hazardous Substances,
European Union Directive 2011/65/EU.
Functional Schematic


Similar Part No. - MSW3101-301-R

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MSW3103-310 MA-COM-MSW3103-310 Datasheet
1Mb / 14P
SP3T PIN Diode Switch
More results

Similar Description - MSW3101-301-R

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CDS0623 DAICO-CDS0623 Datasheet
158Kb / 1P
PIN Diode SP3T
logo
TriQuint Semiconductor
TGS2303-EEU TRIQUINT-TGS2303-EEU Datasheet
199Kb / 3P
SP3T PIN Switch
logo
Tyco Electronics
MA4AGSW3 MACOM-MA4AGSW3 Datasheet
241Kb / 6P
AlGaAs SP3T PIN Diode Switch
logo
M/A-COM Technology Solu...
MA4AGSW3 MA-COM-MA4AGSW3 Datasheet
159Kb / 7P
SP3T AlGaAs PIN Diode Switch
MA4AGSW3_V7 MA-COM-MA4AGSW3_V7 Datasheet
131Kb / 7P
SP3T AlGaAs PIN Diode Switch
MASW-003103-1364_V2 MA-COM-MASW-003103-1364_V2 Datasheet
320Kb / 8P
HMICTM Silicon PIN Diode SP3T Switch
MASW-003103-1364 MA-COM-MASW-003103-1364 Datasheet
320Kb / 8P
HMICTM Silicon PIN Diode SP3T Switch
logo
TriQuint Semiconductor
TGS2303 TRIQUINT-TGS2303_15 Datasheet
573Kb / 3P
SP3T PIN Switch
logo
M/A-COM Technology Solu...
MA4AGSW3 MA-COM-MA4AGSW3_15 Datasheet
684Kb / 8P
SP3T AlGaAs PIN Diode Switch
MSW3103-310 MA-COM-MSW3103-310 Datasheet
1Mb / 14P
SP3T PIN Diode Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com