Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSW3101-301-R Datasheet(PDF) 12 Page - M/A-COM Technology Solutions, Inc.

Part # MSW3101-301-R
Description  SP3T PIN Diode Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MSW3101-301-R Datasheet(HTML) 12 Page - M/A-COM Technology Solutions, Inc.

Back Button MSW3101-301-R Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MSW3101-301-R Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MSW3101-301-R Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MSW3101-301-R Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MSW3101-301-R Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. MSW3101-301-R Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. MSW3101-301-R Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. MSW3101-301-R Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. MSW3101-301-R Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
SP3T PIN Diode Switch
Rev. V1
MSW310x-310
12
12
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DS-xxxxxxx
12
SP3T Switch Evaluation Board Layout
Evaluation Board Parts List
MSW3100-310 Band 1
Part
Value
Case Style
C1, C2, C5 - C10,
C14, C15, C16, C19,
C22, C25 - C28
0.1 µF
0603
5C3, C4, C11, C12,
C17, C18, C20, C21,
C23, C24
0.1 µF
0603
L1 - L9
4.7 µH
0603
R1
39 Ω
2512
R2, R4, R5
1200 Ω
2512
MSW3101-310 Band 2
Part
Value
Case Style
C1, C5, C7, C9, C13,
C15, C19, C25, C27
22 pF
0603
C2, C6, C8, C10,
C14, C16, C22, C26,
C28
270 pF
0603
C3, C4, C11, C12,
C17, C18, C20, C21,
C23, C24
1000 pF
0603
L1 - L9
82 nH
0603
R1
39 Ω
2512
R2, R4, R5
1200 Ω
2512
5. Second bypass capacitor is optional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com