Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLE112 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # BLE112
Description  Heart rate sensors
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

BLE112 Datasheet(HTML) 5 Page - Silicon Laboratories

  BLE112 Datasheet HTML 1Page - Silicon Laboratories BLE112 Datasheet HTML 2Page - Silicon Laboratories BLE112 Datasheet HTML 3Page - Silicon Laboratories BLE112 Datasheet HTML 4Page - Silicon Laboratories BLE112 Datasheet HTML 5Page - Silicon Laboratories BLE112 Datasheet HTML 6Page - Silicon Laboratories BLE112 Datasheet HTML 7Page - Silicon Laboratories BLE112 Datasheet HTML 8Page - Silicon Laboratories BLE112 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
Bluegiga Technologies Oy
BLE112 Bluetooth® low energy single mode module
DESCRIPTION
BLE112, Bluetooth low energy single mode
module is a single mode device targeted for
low power sensors and accessories.
BLE112
offers
all
Bluetooth
low
energy
features: radio, stack, profiles and application
space
for
customer
applications,
so
no
external processor is needed. The module also
provides
flexible
hardware
interfaces
to
connect sensors, simple user interfaces or
even displays directly to the module.
BLE112 can be powered directly with a
standard 3V coin cell batteries or pair of AAA
batteries. In lowest power sleep mode it
consumes only 400nA and will wake up in few
hundred microseconds.
APPLICATIONS:
Heart rate sensors
Pedometers
Watches
Blood pressure and glucose meters
Weight scales
Key fobs
Households
sensors
and
collector
devices
Security tags
Wireless keys (keyless go)
Proximity sensors
HID keyboards and mice
Indoor GPS broadcasting devices
KEY FEATURES:
Bluetooth v.4.0, single mode compliant
o
Supports master and slave
modes
o
4+
simultaneous connection
in master mode
Integrated Bluetooth low energy stack
o
GAP, GATT, L2CAP, SMP
o
Bluetooth low energy profiles
Radio performance
o
TX power: +3dBm to -23dBm
o
RX sensitivity: -85dBm to -
91dBm
Ultra low current consumption
o
Transmit: 27mA (0dBm)
o
Sleep mode 3: 0.4uA
Programmable
8051
processor
for
embedding full applications
Bluetooth qualified
CE qualified
Modular certification for FCC, IC and
KCC
MIC Japan compatibility fully tested
with ARIB STD-T66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com