Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLE112 Datasheet(PDF) 29 Page - Silicon Laboratories

Part # BLE112
Description  Heart rate sensors
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

BLE112 Datasheet(HTML) 29 Page - Silicon Laboratories

Back Button BLE112 Datasheet HTML 25Page - Silicon Laboratories BLE112 Datasheet HTML 26Page - Silicon Laboratories BLE112 Datasheet HTML 27Page - Silicon Laboratories BLE112 Datasheet HTML 28Page - Silicon Laboratories BLE112 Datasheet HTML 29Page - Silicon Laboratories BLE112 Datasheet HTML 30Page - Silicon Laboratories BLE112 Datasheet HTML 31Page - Silicon Laboratories BLE112 Datasheet HTML 32Page - Silicon Laboratories BLE112 Datasheet HTML 33Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
Bluegiga Technologies Oy
Page 29 of 34
gain and required antenna impedance for each antenna type indicated. Antenna types not included in this list,
having a gain greater than the maximum gain indicated for that type, are strictly prohibited for use with this
device. See Table 8 for the approved antennas for BLE112.
OEM Responsibilities to comply with FCC and Industry Canada Regulations
The BLE112 module has been certified for integration into products only by OEM integrators under the
following condition:
The transmitter module must not be co-located or operating in conjunction with any other antenna or
transmitter.
As long as the condition above is met, further transmitter testing will not be required. However, the OEM
integrator is still responsible for testing their end-product for any additional compliance requirements required
with this module installed (for example, digital device emissions, PC peripheral requirements, etc.).
IMPORTANT NOTE: In the event that these conditions can not be met (for certain configurations or co-
location with another transmitter), then the FCC and Industry Canada authorizations are no longer considered
valid and the FCC ID and IC Certification Number can not be used on the final product. In these
circumstances, the OEM integrator will be responsible for re-evaluating the end product (including the
transmitter) and obtaining a separate FCC and Industry Canada authorization.
End Product Labeling
The BLE112 module is labeled with its own FCC ID and IC Certification Number. If the FCC ID and IC
Certification Number are not visible when the module is installed inside another device, then the outside of the
device into which the module is installed must also display a label referring to the enclosed module. In that
case, the final end product must be labeled in a visible area with the following:
“Contains Transmitter Module FCC ID: QOQBLE112”
“Contains Transmitter Module IC: 5123A-BGTBLE112”
or
“Contains FCC ID: QOQBLE112
“Contains IC: 5123A-BGTBLE112”
The OEM of the BLE112 module must only use the approved antenna(s) listed in Table 8, which have been
certified with this module.
The OEM integrator has to be aware not to provide information to the end user regarding how to install or
remove this RF module or change RF related parameters in the user manual of the end product.
8.2.1 FCC et IC
Déclaration d’IC :
Ce dispositif est conforme aux normes RSS exemptes de licence d’Industrie Canada. Son fonctionnement est
assujetti aux deux conditions suivantes : (1) ce dispositif ne doit pas provoquer de perturbation et (2) ce



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com