Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLE112 Datasheet(PDF) 22 Page - Silicon Laboratories

Part # BLE112
Description  Heart rate sensors
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

BLE112 Datasheet(HTML) 22 Page - Silicon Laboratories

Back Button BLE112 Datasheet HTML 18Page - Silicon Laboratories BLE112 Datasheet HTML 19Page - Silicon Laboratories BLE112 Datasheet HTML 20Page - Silicon Laboratories BLE112 Datasheet HTML 21Page - Silicon Laboratories BLE112 Datasheet HTML 22Page - Silicon Laboratories BLE112 Datasheet HTML 23Page - Silicon Laboratories BLE112 Datasheet HTML 24Page - Silicon Laboratories BLE112 Datasheet HTML 25Page - Silicon Laboratories BLE112 Datasheet HTML 26Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
Bluegiga Technologies Oy
Page 22 of 34
Board edge
SMA connector
50 ohm trace
GND contact for the
RF trace
GND stitching vias
separated by max 3 mm
Figure 19: Example layout for BLE112-N
A transmission line impedance calculator, such as TX-Line made by AWR, can be used to approximate the
dimensions for the 50 ohm transmission line. Figure 20 shows an example for two different 50 ohm
transmission lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com