Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLE112 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # BLE112
Description  Heart rate sensors
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

BLE112 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button BLE112 Datasheet HTML 5Page - Silicon Laboratories BLE112 Datasheet HTML 6Page - Silicon Laboratories BLE112 Datasheet HTML 7Page - Silicon Laboratories BLE112 Datasheet HTML 8Page - Silicon Laboratories BLE112 Datasheet HTML 9Page - Silicon Laboratories BLE112 Datasheet HTML 10Page - Silicon Laboratories BLE112 Datasheet HTML 11Page - Silicon Laboratories BLE112 Datasheet HTML 12Page - Silicon Laboratories BLE112 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Bluegiga Technologies Oy
Page 9 of 34
HARDWARE.XML Example (*
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
2
1
0
+
-
(***
A7 A6 A5 A4 A3 A2 A1 A0
(***
Alt.1
C
SS MO MI
<usart channel="0" mode="spi_master" alternate="1" ...
Alt.2
MO MI
C
SS
<usart channel="0" mode="spi_master" alternate="2" ...
Alt.1
RT CT TX RX
<usart channel="0" mode="uart" alternate="1" ...
Alt.2
TX RX RT CT
<usart channel="0" mode="uart" alternate="2" ...
Alt.1
MI MO
C
SS
<usart channel="1" mode="spi_master" alternate="1" ...
Alt.2
MI MO
C
SS
<usart channel="1" mode="spi_master" alternate="2" ...
Alt.1
RX TX RT CT
<usart channel="1" mode="uart" alternate="1" ...
Alt.2
RX TX RT CT
<usart channel="1" mode="uart" alternate="2" ...
Alt.1
4
3
2
1
0
<timer index="1" alternate="1" ...
Alt.2
3
4
0
1
2
<timer index="1" alternate="2" ...
Alt.1
1
0
<timer index="3" alternate="1" ...
Alt.2
1
0
<timer index="3" alternate="2" ...
Alt.1
1
0
<timer index="4" alternate="1" ...
Alt.2
0
<timer index="4" alternate="2" ...
DC DD
5
4
3
2
1
0
OBSSEL
ADC
TIMER 3
TIMER 4
P0
USART 0 UART
USART 1 SPI (**
USART 1 UART
TIMER 1
P1
PERIPHERAL /
FUNCTION
P2
USART 0 SPI (**
Analog Comparator
DEBUG
*) Refer to Profile Toolkit Developer Guide for detailed settings
**) SS is the slave select signal when BLE113 is set as SPI slave. When set as SPI master, any available I/O can be used as chip select signal of
BLE113
***) The analog comparator and the ADC will be turned on automatically when taken in use and the configuration is done using API (Application
Programming Interface). Refer to Bluetooth Smart Software API Reference
Table 3:Peripheral I/O Pin Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com