Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLE112 Datasheet(PDF) 3 Page - Silicon Laboratories

Part # BLE112
Description  Heart rate sensors
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

BLE112 Datasheet(HTML) 3 Page - Silicon Laboratories

  BLE112 Datasheet HTML 1Page - Silicon Laboratories BLE112 Datasheet HTML 2Page - Silicon Laboratories BLE112 Datasheet HTML 3Page - Silicon Laboratories BLE112 Datasheet HTML 4Page - Silicon Laboratories BLE112 Datasheet HTML 5Page - Silicon Laboratories BLE112 Datasheet HTML 6Page - Silicon Laboratories BLE112 Datasheet HTML 7Page - Silicon Laboratories BLE112 Datasheet HTML 8Page - Silicon Laboratories BLE112 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Bluegiga Technologies Oy
VERSION HISTORY
Version
Comment
1.0
Certification information updated. Layout guide for BLE112-N added.
1.1
RF pin dimensions added
1.11
Absolute maximum supply corrected
1.2
Certification information updated
1.21
Current consumption added
1.22
Current consumption profiles added
1.23
Typo corrected on table 2
1.24
UART chapter, I/O Ports chapter, DC characteristics
1.25
Updated product codes
1.26
Note about P1_0 and P1_1 in chapter 2.1
1.27
Design check list, peripheral pull-up/pull-down requirements
1.28
Updating “Alternate” configuration table for clarity
1.29
Absolute maximum ratings: all supply nets must have the same voltage.
Opamp and comparator removed from the peripherals table.
1.3
MIC Japan information updated
1.4
Updated contact information
1.41
CE info updated
1.42
TXP vs HW config added
1.43
Peripheral mapping table: analog comparator added
1.44
Product codes updates
1.45
CE info updated
1.46
Layout examples added



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com