Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLE112 Datasheet(PDF) 31 Page - Silicon Laboratories

Part # BLE112
Description  Heart rate sensors
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

BLE112 Datasheet(HTML) 31 Page - Silicon Laboratories

Back Button BLE112 Datasheet HTML 26Page - Silicon Laboratories BLE112 Datasheet HTML 27Page - Silicon Laboratories BLE112 Datasheet HTML 28Page - Silicon Laboratories BLE112 Datasheet HTML 29Page - Silicon Laboratories BLE112 Datasheet HTML 30Page - Silicon Laboratories BLE112 Datasheet HTML 31Page - Silicon Laboratories BLE112 Datasheet HTML 32Page - Silicon Laboratories BLE112 Datasheet HTML 33Page - Silicon Laboratories BLE112 Datasheet HTML 34Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
Bluegiga Technologies Oy
Page 31 of 34
L’OEM du module BLE112 ne doit utiliser que la ou les antennes approuvées énumérées dans le tableau 8,
qui ont été certifiées avec ce module.
Dans le guide d’utilisation du produit final, l’intégrateur OEM doit s’abstenir de fournir des informations à
l’utilisateur final portant sur les procédures à suivre pour installer ou retirer ce module RF ou pour changer les
paramètres RF.
8.3 CE
BLE112 is in conformity with the essential requirements and other relevant requirements of the R&TTE
Directive (1999/5/EC). The official DoC is available at www.bluegiga.com
8.4 MIC Japan
BLE112 has type approval with certification ID R 209- J00046
8.5 KCC (Korea)
BLE112 is KCC certified with following certification numbers
BLE112-A: KCC-CRM-BGT-BLE112-A
BLE112-E: KCC-CRM-BGT-BLE112-E
BLE112-N: KCC-CRM-BGT-BLE112-N
8.6 Qualified Antenna Types for BLE112-E and BLE112-N
This device has been designed to operate with a standard 2.14 dBi dipole antenna. Any antenna of the same
type and the same or less gain can be used without additional application to FCC. Table 8 lists approved
antennas for BLE112. Any approved antenna listed in table 8 can be used directly with BLE112 without any
additional approval. Any antenna not listed in table 8 can be used with BLE112 as long as detailed information
from that particular antenna is provided to Bluegiga for approval. Specification of each antenna used with
BLE112 will be filed by Bluegiga. Please, contact support@bluegiga.com for more information.
Item
Manufacturer
Manufacturers part number
Measure
d Gain
(dBi)
Specifie
d Gain
(dBi)
Measure Total
Efficiency (%)
1
Pulse
W1030
1
2 dBi
70 - 80
2
Linx Technologies Inc
ANT-2.4-CW-CT-SMA
1.3
2 dBi
77
3
EAD
EA-79A
0.4
2 dBi
60
4
Antenova
B4844/B6090
1.4
2 dBi
76 - 82
5
Litecon
CAR-ATR-187-001
0.8
2 dBi
60 - 70
Table 8: Approved Antennas For BLE112-E and BLE112-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com