Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK503 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # STK503
Description  Supports the ATmega2560, ATmega1280 and ATmega640
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STK503 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button STK503 Datasheet HTML 3Page - ATMEL Corporation STK503 Datasheet HTML 4Page - ATMEL Corporation STK503 Datasheet HTML 5Page - ATMEL Corporation STK503 Datasheet HTML 6Page - ATMEL Corporation STK503 Datasheet HTML 7Page - ATMEL Corporation STK503 Datasheet HTML 8Page - ATMEL Corporation STK503 Datasheet HTML 9Page - ATMEL Corporation STK503 Datasheet HTML 10Page - ATMEL Corporation STK503 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
Programming the AVR
The AVR on STK503 can be programmed in four different ways:
1.
In-System Programming (ISP)
2.
High-Voltage Parallel Programming (HVPP)
3.
JTAG Programming
4.
Self Programming
Self Programming in not described in this document. Please consult the specific
AVR's datasheet.
In-System Programming (ISP)
In order to ISP program an AVR, it must have the ISP programming enable
fuse set. This fuse can be set by High-Voltage Parallel Programming or JTAG
Programming.
Figure 4-1: ISP programming the AVR
To ISP program an AVR on STK503, do the following:
1.
Turn off power on STK500.
2.
Connect the 6-pin cable between the ISP6PIN connector on STK500 and
the ISP connector on STK503.
3.
Turn on power on STK500.
4.
Connect a serial cable to the RS232 CTRL connector on STK500 and
your PC.
5.
Start AVR Studio. On the Tools menu, select "Program AVR/ Connect..."
The device is now ready to be programmed. For more information on how to use
the programming dialog, see the Frontend software section in the STK500 user



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com