Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK503 Datasheet(PDF) 16 Page - ATMEL Corporation

Part # STK503
Description  Supports the ATmega2560, ATmega1280 and ATmega640
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STK503 Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button STK503 Datasheet HTML 9Page - ATMEL Corporation STK503 Datasheet HTML 10Page - ATMEL Corporation STK503 Datasheet HTML 11Page - ATMEL Corporation STK503 Datasheet HTML 12Page - ATMEL Corporation STK503 Datasheet HTML 13Page - ATMEL Corporation STK503 Datasheet HTML 14Page - ATMEL Corporation STK503 Datasheet HTML 15Page - ATMEL Corporation STK503 Datasheet HTML 16Page - ATMEL Corporation STK503 Datasheet HTML 17Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
16
Appendix
Port Connectors
The STK503 has seven port connectors in addition to those available on
STK500. These are PORTE, PORTF, PORTG, PORTH, PORTJ, PORTK and
PORTL. The pinout of each connector is described below.
Table A-1: STK503 port connectors pinout
PORTE
PE0
1
2
PE1
PE2
3
4
PE3
PE4
5
6
PE5
PE6
7
8
PE7
GND
9
10
VTG
PORTF
PF0
1
2
PF1
PF2
3
4
PF3
PF4
5
6
PF5
PF6
7
8
PF7
GND
9
10
VTG
PORTG
PG0
1
2 PG1
PG2
3
4 PG3
PG4
5
6 PG5
SRAMEN
7
8 A16
GND
9
10 VTG
PORTH
PH0
1
2
PH1
PH2
3
4
PH3
PH4
5
6
PH5
PH6
7
8
PH7
GND
9
10
VTG
PORTJ
PJ0
1
2
PJ1
PJ2
3
4
PJ3
PJ4
5
6
PJ5
PJ6
7
8
PJ7
GND
9
10
VTG
PORTK
PK0
1
2
PK1
PK2
3
4
PK3
PK4
5
6
PK5
PK6
7
8
PK7
GND
9
10
VTG
PORTL
PL0
1
2
PL1
PL2
3
4
PL3
PL4
5
6
PL5
PL6
7
8
PL7
GND
9
10
VTG
SRAM
The following SRAM chips can be used on STK503:
Manufacturer
Part number
VCC
Package
ISSI
IS63LV1024-T
3,3V
TSOP-II
ISSI
IS63LV1024-J
3,3V
SOJ 300-mil
ISSI
IS63LV1024-K
3,3V
SOJ 400-mil
IDT
IDT71124-Y
5V
SOJ 400-mil
IDT
IDT71V124SA-TY
3,3V
SOJ 300-mil
IDT
IDT71V124SA-Y
3,3V
SOJ 400-mil
IDT
IDT71V124SA-PH 3,3V
TSOP-II
Cypress
CY7C1019-V
5V
SOJ 400-mil
Cypress
CY7C1019B-V
5V
SOJ 400-mil
Cypress
CY7C1018BV33-V 3,3V
SOJ 300-mil
Cypress
CY7C1019BV33-V 3,3V
SOJ 400-mil
Toshiba
TC558128BJ
5V
SOJ 400-mil
Toshiba
TC558128BFT
5V
TSOP-II
Toshiba
TC55V8128BJ
3,3V
SOJ 400-mil
Toshiba
TC55V8128BFT
3,3V
TSOP-II
Samsung
K6R1008C1C-J
5V
SOJ 400-mil
Samsung
K6R1008C1C-T
5V
TSOP-II
Alliance
AS7C31025A-HFC 5V
TSOP-II



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com