Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK503 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # STK503
Description  Supports the ATmega2560, ATmega1280 and ATmega640
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STK503 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button STK503 Datasheet HTML 9Page - ATMEL Corporation STK503 Datasheet HTML 10Page - ATMEL Corporation STK503 Datasheet HTML 11Page - ATMEL Corporation STK503 Datasheet HTML 12Page - ATMEL Corporation STK503 Datasheet HTML 13Page - ATMEL Corporation STK503 Datasheet HTML 14Page - ATMEL Corporation STK503 Datasheet HTML 15Page - ATMEL Corporation STK503 Datasheet HTML 16Page - ATMEL Corporation STK503 Datasheet HTML 17Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
RS-232 Driver
The STK503 has an RS-232 driver operating at target voltages from 1.8 to 5.5V
with a maximum speed of 480kbps. There are two transmit and two receive pins.
With the RS-232 port available on STK500, you have three channels available for
your design.
The driver pins are available on the connector in the lower right corner of the
STK503 (see figure 7-1 and 7-2).
Figure 7-1: The RS-232 connector
To use the driver you must connect the logic level pins to the AVR and the RS-
232 pins to the external device. The connector is marked with AVR and RS-232,
where the pins on the AVR side must be connected to the RxD and TxD pins on
the AVR, and RS-232 side connects to a connector or your RS-232-enabled
device. The arrows show the signal directions.
Figure 7-2: RS-232 connection
As the STK503 has no 9-pin or 25-pin connector, you must make your own
connection. You can however decide if you will use only TxD/RxD lines, giving
you two channels, or if handshake signals like RTS/CTS or DTR/DSR will be
used. In the latter case, you must connect the handshake signals to regular
PORT pins that are controlled by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com