Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK503 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # STK503
Description  Supports the ATmega2560, ATmega1280 and ATmega640
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STK503 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button STK503 Datasheet HTML 5Page - ATMEL Corporation STK503 Datasheet HTML 6Page - ATMEL Corporation STK503 Datasheet HTML 7Page - ATMEL Corporation STK503 Datasheet HTML 8Page - ATMEL Corporation STK503 Datasheet HTML 9Page - ATMEL Corporation STK503 Datasheet HTML 10Page - ATMEL Corporation STK503 Datasheet HTML 11Page - ATMEL Corporation STK503 Datasheet HTML 12Page - ATMEL Corporation STK503 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
Table 4-1: High-Voltage programming jumper settings
STK500
VTARGET
Mounted
AREF
Optional
RESET
Mounted
XTAL1
Mounted
OSCSEL
Mounted, pin 1 and 2
BSEL2
Mounted
PJUMP
Open
STK503
XTAL switch
position near crystal socket
TOSC switch
not important
JTAG Programming
The JTAGICE mkII can, in adittion to help debug your code, be used as a
programmer.
In order to JTAG program an AVR, its OCD Enable fuse must be set. The fuse
can be set by ISP or HVPP programming.
Figure 4-3: JTAG programming the AVR
Follow these steps to JTAG program the AVR:
1.
Turn off power on STK500.
2.
Connect the JTAGICE mkII probe to the JTAG connector on STK503.
3.
Remove the RESET jumper on STK500.
4.
Connect a serial cable or a USB cable beetween the JTAGICE mkII and
your PC.
5.
Turn on power on STK500.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com