Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK503 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # STK503
Description  Supports the ATmega2560, ATmega1280 and ATmega640
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STK503 Datasheet(HTML) 5 Page - ATMEL Corporation

  STK503 Datasheet HTML 1Page - ATMEL Corporation STK503 Datasheet HTML 2Page - ATMEL Corporation STK503 Datasheet HTML 3Page - ATMEL Corporation STK503 Datasheet HTML 4Page - ATMEL Corporation STK503 Datasheet HTML 5Page - ATMEL Corporation STK503 Datasheet HTML 6Page - ATMEL Corporation STK503 Datasheet HTML 7Page - ATMEL Corporation STK503 Datasheet HTML 8Page - ATMEL Corporation STK503 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
RAM HIGH ADDRESS jumpers:
These jumpers are for disabling some of the address lines from the
controller to the SRAM. See the External Memory Interface chapter.
RS-232 connector:
The STK503 has an on-board RS-232 converter. In order to use it, you
must connect the AVR to the AVR side of the connector, and the external
RS-232 equipment (such as a PC) to the RS-232 side. See RS-232
Driver for more information.
PORTx connectors:
All of the AVR ports are accessible on the port connectors. They are
marked with text corresponding to the name of the AVR port. In addition
to the port pins, they also have VCC and GND pins. See the Appendix for
pinout.
Mounting the STK503
First of all the STK503 must be mount on top of the STK500.
1.
Turn off power on the STK500.
2.
Remove any other top cards.
3.
Remove any devices from sockets of the STK500.
4.
Place the STK503 on STK500. Make sure the EXPAND0 and EXPAND1
headers on both cards align properly.
Figure 3-2: Mounting the STK503
Placing the AVR in the ZIF socket
The ZIF socket on STK503 takes AVRs in 100-pin TQFP packages.
To use STK500 and 100-pin AVR devices with LCD controller such as the
ATmega3290 and ATmega6490, you must use the STK504 top module, not



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com