Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK503 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # STK503
Description  Supports the ATmega2560, ATmega1280 and ATmega640
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STK503 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button STK503 Datasheet HTML 4Page - ATMEL Corporation STK503 Datasheet HTML 5Page - ATMEL Corporation STK503 Datasheet HTML 6Page - ATMEL Corporation STK503 Datasheet HTML 7Page - ATMEL Corporation STK503 Datasheet HTML 8Page - ATMEL Corporation STK503 Datasheet HTML 9Page - ATMEL Corporation STK503 Datasheet HTML 10Page - ATMEL Corporation STK503 Datasheet HTML 11Page - ATMEL Corporation STK503 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
guide.
High-Voltage Parallel Programming (HVPP)
HVPP programming is always available. The other programming modes, ISP and
JTAG programming, can be disabled. With HVPP, the other programming modes
can be enabled.
HVPP requires the target voltage to be set to 5V. If you have any external
hardware connected to STK500/STK503 that does not tolerate 5V, it must be
disconnected before you HVPP program the AVR.
Figure 4-2: HVPP programming the AVR
To HVPP program the AVR on STK503, follow these steps:
1.
Turn off power on STK500.
2.
Disconnect any hardware that does not tolerate 5V.
3.
Connect the PROGCTRL connector to PORTD and PROGDATA to
PORTB on the STK500 as show in the figure below.
4.
Set jumpers and switches according to Table 4-1.
5.
Connect a serial cable to the RS232 CTRL connector on STK500 and
your PC.
6.
Turn on power on STK500.
7.
Start AVR Studio. On the Tools menu, select "Program AVR/ Connect..."
8.
On the Board tab, make sure the VTarget slider shows 5V. If not, adjust it
and press Write Voltages .
You are now ready to program the device. For more information on how to use
the programming dialog, see the Frontend software section in the STK500 user
guide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com