Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM33-LSG Datasheet(PDF) 7 Page - Pixart Imaging Inc.

Part # LM33-LSG
Description  Optical Gaming Navigation Chip
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

LM33-LSG Datasheet(HTML) 7 Page - Pixart Imaging Inc.

Back Button LM33-LSG Datasheet HTML 3Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 4Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 5Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 6Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 7Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 8Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 9Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 10Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 11Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
Version 1.40 |12 Aug 2016 | 31005AEN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
PixArt Imaging Inc.
PMW3325DB-TWV1 General Datasheet
Optical Gaming Navigation Chip
2.3
Thermal Specifications
Table 4. Thermal Specifications
Parameters
Symbol
Min.
Typ.
Max.
Unit Notes
Storage Temperature
TS
-25
-
80
°C
Lead-free Solder Temperature
TP
-
-
260
°C
For 10 seconds, 1.6mm below
seating plane for wave soldering
2.4
DC Characteristics
Table 5. DC Electrical Specifications
Parameters
Symbol
Min.
Typ.
Max.
Unit Conditions
DC Supply Current in various
modes
IDD_RUN [VFR1+VFR2]
IDD_RUN_VFR1 [3k FPS]
IDD_RUN_VFR2 [4.6k FPS]
IDD_REST1
IDD_REST2
IDD_REST3
6.70
6.20
8.50
1.60
72
56
mA
mA
mA
mA
uA
uA
IDD_RUN_[VFR1+VFR2] number is based
on the assumption of;
VFR1:VFR2 = 90%:10%
MCU poll the motion registers
at the 1ms interval
Power Down Current
IPD
5
uA
Input Low Voltage
VIL
0.3* VDD
V
SCLK, SDIO, NCS
Input High Voltage
VIH
0.7* VDD
V
SCLK, SDIO, NCS
Input Hysteresis
VI_HYS
100
mV
SCLK, SDIO, NCS, VDDIO
Input Leakage Current
ILEAK
± 1
± 10
uA
Vin=VDD-0.6V or 0V, SCLK,
SDIO, NCS, VDDIO
Output Low Voltage
VOL
0.45
V
IOUT = 1mA, SDIO
Output Low Voltage, SDIO
VOH
VDD-0.45
V
IOUT = -1mA, SDIO
Input Capacitance
Cin
50
pF
SCLK, SDIO, NCS
Note: All the parameters are tested under recommended operating conditions. Typical values at 25 °C, VDD = 2.0 V & LED current = 8mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com