Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM33-LSG Datasheet(PDF) 4 Page - Pixart Imaging Inc.

Part # LM33-LSG
Description  Optical Gaming Navigation Chip
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

LM33-LSG Datasheet(HTML) 4 Page - Pixart Imaging Inc.

  LM33-LSG Datasheet HTML 1Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 2Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 3Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 4Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 5Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 6Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 7Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 8Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
Version 1.40 |12 Aug 2016 | 31005AEN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
PixArt Imaging Inc.
PMW3325DB-TWV1 General Datasheet
Optical Gaming Navigation Chip
Introduction
1.1
Overview
PMW3325DB-TWV1 is based on Optical Navigation Technology, which measures changes in position by optically acquiring
sequential surface images (frames) and mathematically determining the direction and magnitude of movement.
PMW3325DB-TWV1 contains an Image Acquisition System (IAS), a Digital Signal Processor (DSP), and a three-wire serial
port. The IAS acquires microscopic surface images via the lens and illumination system. These images are processed by the
DSP to determine the direction and distance of motion. The DSP calculates the ΔX and ΔY relative displacement values. An
external microcontroller reads and translates the ΔX and ΔY information from the chip serial port into PS2, USB, or RF signals
before sending them to the host PC.
Note: Throughout this document PMW3325DB-TWV1 is referred to as the PMW3325DB.
Figure 1. Functional Block Diagram
1.2
Terminology
Term
Description
DSP
Digital Signal Processing
LED
Light Emitting Diode
NCS
Chip Select
VDDPIX
Internal Regulator Output
VDD
Supply voltage
SCLK
Serial Clock
SDIO
Serial Data In & Out
SPI
Serial Peripheral Interface
GND
Ground
PMW3325DB-TWV1
OSCILLATOR
DSP
VDD
GND
LED
SCLK
NCS
VDDPIX
SDIO
VDDIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com