Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM33-LSG Datasheet(PDF) 10 Page - Pixart Imaging Inc.

Part # LM33-LSG
Description  Optical Gaming Navigation Chip
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

LM33-LSG Datasheet(HTML) 10 Page - Pixart Imaging Inc.

Back Button LM33-LSG Datasheet HTML 6Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 7Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 8Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 9Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 10Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 11Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 12Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 13Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 14Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
Version 1.40 |12 Aug 2016 | 31005AEN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
PixArt Imaging Inc.
PMW3325DB-TWV1 General Datasheet
Optical Gaming Navigation Chip
Mechanical Specifications
3.1
Mechanical Dimension
Table 7. Package Dimensions
Parameters
Nominal
Min.
Max.
Unit
Package Body Dimension X
9.90
9.80
10.00
mm
Package Body Dimension Y
9.10
9.00
9.20
mm
Package Width (inclusive pins)
12.85
12.35
13.35
mm
Lead Length
5.15
5.05
5.25
mm
Lead Pitch
2.00
1.85
2.15
mm
Total Lead Count
8
-
-
-
Lead Offset
1.00
-
-
mm
Lead Width
0.50
0.40
0.60
mm
Hole Diameter
0.70
0.65
0.75
mm
Center of Hole from edge of body X
4.55
4.45
4.65
mm
Center of Hole from edge of body Y
3.92
3.82
4.02
mm
Figure 4. Package Drawing Outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com