Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM33-LSG Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # LM33-LSG
Description  Optical Gaming Navigation Chip
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

LM33-LSG Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  LM33-LSG Datasheet HTML 1Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 2Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 3Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 4Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 5Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 6Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 7Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 8Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
PMW3325DB-TWV1 General Datasheet
Optical Gaming Navigation Chip
PixArt Imaging Inc.
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
Version 1.40 |12 Aug 2016 |31005AEN
PMW3325DB-TWV1: Optical Gaming Navigation Chip
General Description
PMW3325DB-TWV1 is PixArt Imaging's optical gaming
navigation chip suitable for wired & wireless gaming
mouse application. It is packaged in an 8pin staggered
dual-in-line package (DIP). It provides excellent gaming
experience with the features of high speed & resolution
to fulfill gamers’ need. The chip comes with self-adjusting
variable frame rate algorithm to enable wireless gaming
application. It is designed to be used with LM31-LNG or
LM33-LSG lens to achieve optimum performance.
Key Features
 Small form factor PDIP 8L molded lead-frame package
 Operating Voltage: 1.80V - 2.10V
 High speed motion detection 100ips (typical) and
acceleration 20g (max).
 Selectable resolutions up to 5000cpi
 Three-wire serial port interface (SDI0)
 Internal oscillator — no clock input needed
 Self-adjusting variable frame rate for optimum power
performance in wireless application
 Programmable rest modes for;
 Corded gaming mode
 Cordless gaming mode
 Customizable response time and downshift time for
rest modes
 Angle snapping
Applications
 Wired Gaming Optical Mouse
 Wireless Gaming Optical Mouse
 Trackball application
Key Parameters
Parameter
Value
Supply Voltage (V)
VDD: 1.80 – 2.10V
Interface
3-wire Serial Peripheral
Interface
Supply Current (Average)
@ VDD = 2.0V
Note: includes LED
current
Run Avg.: 6.70mA
Rest1: 1.60mA
Rest2: 72uA
Rest3: 56uA
Power Down: 5uA
Resolution (cpi)
Up to 5000
Tracking Speed (ips)
100
Acceleration (g)
20
Package Type (mm)
8L PDIP
Ordering Information
Part Number
Package Type
PMW3325DB-TWV1
8-pin DIP Package
LM31-LNG
Trim Lens
LM33-LSG
Small Trim Lens
For any additional inquiries, please contact us at
http://www.pixart.com/contact.asp


Similar Part No. - LM33-LSG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM330 NSC-LM330 Datasheet
254Kb / 5P
3-Terminal Positive Regulator
logo
Texas Instruments
LM330-N TI1-LM330-N Datasheet
708Kb / 9P
LM330 3-Terminal Positive Regulator
LM330-N TI1-LM330-N Datasheet
1Mb / 11P
3-Terminal Positive Regulator
LM330-N TI1-LM330-N_14 Datasheet
1Mb / 11P
3-Terminal Positive Regulator
logo
National Semiconductor ...
LM3301 NSC-LM3301 Datasheet
323Kb / 20P
LM2900/LM3900/LM3301 Quad Amplifiers
More results

Similar Description - LM33-LSG

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYONS2100 CYPRESS-CYONS2100 Datasheet
1Mb / 36P
OvationONS??II Wired Gaming Laser Navigation System-on-Chip
logo
Pixart Imaging Inc.
ADBS-A350 PIXART-ADBS-A350 Datasheet
1Mb / 55P
Optical Finger Navigation
ADNS-3050 PIXART-ADNS-3050 Datasheet
1Mb / 31P
Entry-level Gaming Optical Navigation Sensor
ADBS-A350 PIXART-ADBS-A350_17 Datasheet
2Mb / 16P
Optical Finger Navigation Chip
ADNS-3050 PIXART-ADNS-3050_17 Datasheet
1Mb / 9P
Entry-level Gaming Optical Navigation Sensor
PMW3320DB-TYDU PIXART-PMW3320DB-TYDU Datasheet
458Kb / 9P
Entry-Gaming Optical Navigation Sensor
PMW3330DM-TZQU PIXART-PMW3330DM-TZQU Datasheet
782Kb / 9P
Optical Gaming Navigation Sensor
PMW3360DM-T2QU PIXART-PMW3360DM-T2QU Datasheet
2Mb / 18P
Optical Gaming Navigation Sensor
PMW3330DM-T2QU PIXART-PMW3330DM-T2QU Datasheet
2Mb / 18P
Optical Gaming Navigation Sensor
PMW3389DM-T3QU PIXART-PMW3389DM-T3QU Datasheet
1Mb / 20P
Optical Gaming Navigation Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com