Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM33-LSG Datasheet(PDF) 16 Page - Pixart Imaging Inc.

Part # LM33-LSG
Description  Optical Gaming Navigation Chip
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

LM33-LSG Datasheet(HTML) 16 Page - Pixart Imaging Inc.

Back Button LM33-LSG Datasheet HTML 11Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 12Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 13Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 14Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 15Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 16Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 17Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 18Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 19Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
16
Version 1.40 |12 Aug 2016 | 31005AEN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
PixArt Imaging Inc.
PMW3325DB-TWV1 General Datasheet
Optical Gaming Navigation Chip
System Level Description
4.1
Reference Application Schematic Diagram
Figure 11. PMW3325DB-TWV1 Reference Mouse Schematic
The RLED value shown in the reference circuit above is used with VDD 1.8V supply connected to LED. For other VDD value,
the RLED value has to be adjusted in order to obtain the 8mA current for LED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com