Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM33-LSG Datasheet(PDF) 18 Page - Pixart Imaging Inc.

Part # LM33-LSG
Description  Optical Gaming Navigation Chip
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

LM33-LSG Datasheet(HTML) 18 Page - Pixart Imaging Inc.

Back Button LM33-LSG Datasheet HTML 11Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 12Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 13Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 14Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 15Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 16Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 17Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 18Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 19Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
18
Version 1.40 |12 Aug 2016 | 31005AEN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
PixArt Imaging Inc.
PMW3325DB-TWV1 General Datasheet
Optical Gaming Navigation Chip
Registers
5.1
Registers List
The Chip registers are accessible via the serial port. The registers are used to read motion data and status as well as to set
the device configuration.
Table 9. Register List
Address
Register Name
Access
Reset Value
0x00
PRODUCT_ID
R
0x43
0x02
MOTION
RW
0x00
0x03
DELTA_X_L
R
0x00
0x04
DELTA_X_H
R
0x00
0x05
DELTA_Y_L
R
0x00
0x06
DELTA_Y_H
R
0x00
0x07
SQUAL
R
0x00
0x08
PIXEL_SUM
R
0x00
0x09
MAXIMUM_PIXEL
R
0x00
0x0A
MINIMUM_PIXEL
R
0x00
0x0B
SHUTTER_LOWER
R
0x12
0x0C
SHUTTER_UPPER
R
0x00
0x15
CHIP_OBSERVATION
RW
0x80
0x16
BURST_MOTION_READ
R
0x00
0x19
FRAME_CAPTURE_STATUS
R
0x00
0x1B
RESOLUTION
RW
0x2E
0x1E
ANGLE_SNAP
RW
0x04
0x20
AXIS_CONTROL
RW
0x00
0x24
RUN_DOWNSHIFT
RW
0x06
0x25
REST1_PERIOD
RW
0x01
0x26
REST1_DOWNSHIFT
RW
0x4F
0x27
REST2_PERIOD
RW
0x19
0x28
REST2_DOWNSHIFT
RW
0x5E
0x29
REST3_PERIOD
RW
0x3F
0x32
FRAME_CAPTURE
RW
0x00
0x3A
POWER_UP_RESET
W
N/A
0x3B
SHUTDOWN
W
N/A
0x3F
INV_PRODUCT_ID
R
0xBC
0x40
CONFIG
RW
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com