Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM613 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM613
Description  Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM613 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM613 Datasheet HTML 1Page - National Semiconductor (TI) LM613 Datasheet HTML 2Page - National Semiconductor (TI) LM613 Datasheet HTML 3Page - National Semiconductor (TI) LM613 Datasheet HTML 4Page - National Semiconductor (TI) LM613 Datasheet HTML 5Page - National Semiconductor (TI) LM613 Datasheet HTML 6Page - National Semiconductor (TI) LM613 Datasheet HTML 7Page - National Semiconductor (TI) LM613 Datasheet HTML 8Page - National Semiconductor (TI) LM613 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Voltage on Any Pin Except V
R
(referred to V
−pin)
(Note 2)
(Note 3)
36V (Max)
−0.3V (Min)
Current through Any Input Pin
&V
R Pin
±20 mA
Differential Input Voltage
Military and Industrial
Commercial
±36V
±32V
Storage Temperature Range
−65˚C
≤ T
J ≤ +150˚C
Maximum Junction Temp.(Note 4)
150˚C
Thermal Resistance,
Junction-to-Ambient (Note 5)
N Package
WM Package
100˚C/W
150˚C/W
Soldering Information (10 Sec.)
N Package
WM Package
260˚C
220˚C
ESD Tolerance (Note 6)
±1kV
Operating Temperature Range
LM613AI, LM613BI:
−40˚C to +85˚C
LM613AM, LM613M:
−55˚C to +125˚C
LM613C:
0˚C
≤ T
J ≤ +70˚C
Electrical Characteristics
These specifications apply for V
− = GND = 0V, V+ = 5V, V
CM = VOUT = 2.5V, IR = 100 µA, FEEDBACK pin shorted to GND,
unless otherwise specified. Limits in standard typeface are for T
J = 25˚C; limits in boldface type apply over the Operating
Temperature Range.
LM613AM
LM613M
Typical
LM613AI
LM613I
Symbol
Parameter
Conditions
(Note 7)
Limits
LM613C
Units
(Note 8)
Limits
(Note 8)
I
S
Total Supply Current
R
LOAD = ∞,
450
940
1000
µA (Max)
4V
≤ V+ ≤ 36V (32V for LM613C)
550
1000
1070
µA (Max)
V
S
Supply Voltage Range
2.2
2.8
2.8
V (Min)
2.9
3
3
V (Min)
46
36
32
V (Max)
43
36
32
V (Max)
OPERATIONAL AMPLIFIERS
V
OS1
V
OS Over Supply
4V
≤ V+ ≤ 36V
1.5
3.5
5.0
mV (Max)
(4V
≤ V+ ≤ 32V for LM613C)
2.0
6.0
7.0
mV (Max)
V
OS2
V
OS Over VCM
V
CM = 0V through VCM =
1.0
3.5
5.0
mV (Max)
(V
+ − 1.8V), V+ = 30V, V− = 0V
1.5
6.0
7.0
mV (Max)
Average V
OS Drift
(Note 8)
15
µV/˚C
(Max)
I
B
Input Bias Current
10
25
35
nA (Max)
11
30
40
nA (Max)
I
OS
Input Offset Current
0.2
4
4
nA (Max)
0.3
5
5
nA (Max)
Average Offset Current
4
pA/˚C
R
IN
Input Resistance
Differential
1000
M
Ω
C
IN
Input Capacitance
Common-Mode
6
pF
e
n
Voltage Noise
f = 100 Hz, Input Referred
74
I
n
Current Noise
f = 100 Hz, Input Referred
58
CMRR
Common-Mode
V
+ = 30V, 0V
≤ V
CM ≤ (V
+ − 1.8V)
95
80
75
dB (Min)
Rejection Ratio
CMRR = 20 log (
∆V
CM/∆VOS)
90
75
70
dB (Min)
PSRR
Power Supply
4V
≤ V+ ≤ 30V, V
CM = V
+/2,
110
80
75
dB (Min)
Rejection Ratio
PSRR = 20 log (
∆V+/V
OS)
100
75
70
dB (Min)
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com