Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM613 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM613
Description  Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM613 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM613 Datasheet HTML 11Page - National Semiconductor (TI) LM613 Datasheet HTML 12Page - National Semiconductor (TI) LM613 Datasheet HTML 13Page - National Semiconductor (TI) LM613 Datasheet HTML 14Page - National Semiconductor (TI) LM613 Datasheet HTML 15Page - National Semiconductor (TI) LM613 Datasheet HTML 16Page - National Semiconductor (TI) LM613 Datasheet HTML 17Page - National Semiconductor (TI) LM613 Datasheet HTML 18Page - National Semiconductor (TI) LM613 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Typical Performance Distributions
(Continued)
Application Information
VOLTAGE REFERENCE
Reference Biasing
The voltage reference is of a shunt regulator topology that
models as a simple zener diode. With current I
r flowing in the
“forward” direction there is the familiar diode transfer func-
tion. I
r flowing in the reverse direction forces the reference
voltage to be developed from cathode to anode. The cath-
ode may swing from a diode drop below V
− to the reference
voltage or to the avalanche voltage of the parallel protection
diode, nominally 7V. A 6.3V reference with V
+
= 3V is
allowed.
The reference equivalent circuit reveals how V
r is held at the
constant 1.2V by feedback, and how the FEEDBACK pin
passes little current.
To generate the required reverse current, typically a resistor
is connected from a supply voltage higher than the reference
voltage. Varying that voltage, and so varying I
r, has small ef-
fect with the equivalent series resistance of less than an ohm
at the higher currents. Alternatively, an active current source,
such as the LM134 series, may generate I
r.
Capacitors in parallel with the reference are allowed. See the
Reference AC Stability Range typical curve for capacitance
values — from 20 µA to 3 mA any capacitor value is stable.
With the reference’s wide stability range with resistive and
capacitive loads, a wide range of RC filter values will perform
noise filtering.
Adjustable Reference
The FEEDBACK pin allows the reference output voltage,
V
ro, to vary from 1.24V to 6.3V. The reference attempts to
hold V
r at 1.24V. If Vr is above 1.24V, the reference will con-
duct current from Cathode to Anode; FEEDBACK current al-
ways remains low. If FEEDBACK is connected to Anode,
then V
ro = Vr = 1.24V. For higher voltages FEEDBACK is
held at a constant voltage above Anode — say 3.76V for V
ro
= 5V. Connecting a resistor across the constant V
r generates
a current I=R1/V
r flowing from Cathode into FEEDBACK
node. A Thevenin equivalent 3.76V is generated from FEED-
BACK to Anode with R2=3.76/I. Keep I greater than one
thousand times larger than FEEDBACK bias current for
<0.1% error — I
≥32 µA for the military grade over the military
temperature range (I
≥5.5 µA for a 1% untrimmed error for a
commercial part).
Voltage Reference Broad-Band
Noise Distribution
DS009226-26
DS009226-29
FIGURE 1. Voltage Associated with Reference
(current source I
r is external)
DS009226-30
FIGURE 2. Reference Equivalent Circuit
DS009226-31
FIGURE 3. 1.2V Reference
DS009226-32
FIGURE 4. Thevenin Equivalent of Reference
with 5V Output
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com