Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM613 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM613
Description  Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM613 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM613 Datasheet HTML 6Page - National Semiconductor (TI) LM613 Datasheet HTML 7Page - National Semiconductor (TI) LM613 Datasheet HTML 8Page - National Semiconductor (TI) LM613 Datasheet HTML 9Page - National Semiconductor (TI) LM613 Datasheet HTML 10Page - National Semiconductor (TI) LM613 Datasheet HTML 11Page - National Semiconductor (TI) LM613 Datasheet HTML 12Page - National Semiconductor (TI) LM613 Datasheet HTML 13Page - National Semiconductor (TI) LM613 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Typical Performance Characteristics (Op Amps) V+ = 5V, V− = GND = 0V, V
CM = V
+/2,
VOUT = V
+/2, T
J = 25˚C, unless otherwise noted (Continued)
Output Source Current vs
Output Voltage and Temp.
DS009226-72
Output Sink Current vs
Output Voltage
DS009226-73
Output Swing,
Large Signal
DS009226-74
Output Impedance vs
Frequency and Gain
DS009226-75
Small Signal Pulse
Response vs Temp.
DS009226-76
Small-Signal Pulse
Response vs Load
DS009226-77
Op Amp Voltage Noise
vs Frequency
DS009226-78
Op Amp Current Noise
vs Frequency
DS009226-79
Small-Signal Voltage Gain vs
Frequency and Temperature
DS009226-80
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com