Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM613 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM613
Description  Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM613 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM613 Datasheet HTML 13Page - National Semiconductor (TI) LM613 Datasheet HTML 14Page - National Semiconductor (TI) LM613 Datasheet HTML 15Page - National Semiconductor (TI) LM613 Datasheet HTML 16Page - National Semiconductor (TI) LM613 Datasheet HTML 17Page - National Semiconductor (TI) LM613 Datasheet HTML 18Page - National Semiconductor (TI) LM613 Datasheet HTML 19Page - National Semiconductor (TI) LM613 Datasheet HTML 20Page - National Semiconductor (TI) LM613 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Application Information (Continued)
Reference Hysteresis
The reference voltage depends, slightly, on the thermal his-
tory of the die. Competitive micro-power products vary — al-
ways check the data sheet for any given device. Do not as-
sume that no specification means no hysteresis.
OPERATIONAL AMPLIFIERS AND COMPARATORS
Any amp, comparator, or the reference may be biased in any
way with no effect on the other sections of the LM613, ex-
cept when a substrate diode conducts, see Electrical Char-
acteristics (Note 1). For example, one amp input may be out-
side the common-mode range, another amp may be
operating as a comparator, and all other sections may have
all terminals floating with no effect on the others. Tying in-
verting input to output and non-inverting input to V
− on un-
used amps is preferred. Unused comparators should have
non-inverting input and output tied to V
+, and inverting input
tied to V
−. Choosing operating points that cause oscillation,
such as driving too large a capacitive load, is best avoided.
Op Amp Output Stage
These op amps, like the LM124 series, have flexible and
relatively wide-swing output stages. There are simple rules
to optimize output swing, reduce cross-over distortion, and
optimize capacitive drive capability:
1.
Output Swing: Unloaded, the 42 µA pull-down will bring
the output within 300 mV of V
− over the military tempera-
ture range. If more than 42 µA is required, a resistor from
output to V
− will help. Swing across any load may be im-
proved slightly if the load can be tied to V
+, at the cost of
poorer sinking open-loop voltage gain.
2.
Cross-Over Distortion: The LM613 has lower cross-over
distortion (a 1 V
BE deadband versus 3 VBE for the
LM124), and increased slew rate as shown in the char-
acteristic curves. A resistor pull-up or pull-down will force
class-A operation with only the PNP or NPN output tran-
sistor conducting, eliminating cross-over distortion.
3.
Capacitive Drive: Limited by the output pole caused by
the output resistance driving capacitive loads, a
pull-down resistor conducting 1 mA or more reduces the
output stage NPN r
e until the output resistance is that of
the current limit 25
Ω. 200 pF may then be driven without
oscillation.
Comparator Output Stage
The comparators, like the LM139 series, have open-collector
output stages. A pull-up resistor must be added from each
output pin to a positive voltage for the output transistor to
switch properly. When the output transistor is OFF, the out-
put voltage will be this external positive voltage.
For the output voltage to be under the TTL-low voltage
threshold when the output transistor is ON, the output cur-
rent must be less than 8 mA (over temperature). This im-
pacts the minimum value of pull-up resistor.
The offset voltage may increase when the output voltage is
low and the output current is less than 30 µA. Thus, for best
accuracy, the pull-up resistor value should be low enough to
allow the output transistor to sink more than 30 µA.
Op Amp and Comparator Input Stage
The lateral PNP input transistors, unlike those of most op
amps, have BV
EBO equal to the absolute maximum supply
voltage. Also, they have no diode clamps to the positive sup-
ply nor across the inputs. These features make the inputs
look like high impedances to input sources producing large
differential and common-mode voltages.
Typical Applications
DS009226-40
FIGURE 12. High Current, High Voltage Switch
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com