Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM613 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM613
Description  Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM613 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM613 Datasheet HTML 1Page - National Semiconductor (TI) LM613 Datasheet HTML 2Page - National Semiconductor (TI) LM613 Datasheet HTML 3Page - National Semiconductor (TI) LM613 Datasheet HTML 4Page - National Semiconductor (TI) LM613 Datasheet HTML 5Page - National Semiconductor (TI) LM613 Datasheet HTML 6Page - National Semiconductor (TI) LM613 Datasheet HTML 7Page - National Semiconductor (TI) LM613 Datasheet HTML 8Page - National Semiconductor (TI) LM613 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Electrical Characteristics (Continued)
These specifications apply for V
− = GND = 0V, V+ = 5V, V
CM = VOUT = 2.5V, IR = 100 µA, FEEDBACK pin shorted to GND,
unless otherwise specified. Limits in standard typeface are for T
J = 25˚C; limits in boldface type apply over the Operating
Temperature Range.
LM613AM
LM613M
Typical
LM613AI
LM613I
Symbol
Parameter
Conditions
(Note 7)
Limits
LM613C
Units
(Note 8)
Limits
(Note 8)
OPERATIONAL AMPLIFIERS
A
V
Open Loop
R
L = 10 kΩ to GND, V
+ = 30V,
500
100
94
V/mV
Voltage Gain
5V
≤ V
OUT ≤ 25V
50
40
40
(Min)
SR
Slew Rate
V
+ = 30V (Note 9)
0.70
0.55
0.50
V/µs
0.65
0.45
0.45
GBW
Gain Bandwidth
C
L = 50 pF
0.8
MHz
0.5
MHz
V
O1
Output Voltage
R
L = 10 kΩ to GND,
V
+ − 1.4
V
+ − 1.7
V
+ − 1.8
V (Min)
Swing High
V
+ = 36V (32V for LM613C)
V
+ − 1.6
V
+ − 1.9
V
+ − 1.9
V (Min)
V
O2
Output Voltage
R
L = 10 kΩ to V
+,V− + 0.8
V
− + 0.9
V
− + 0.95
V (Max)
Swing Low
V
+ = 36V (32V for LM613C)
V
− + 0.9
V
− + 1.0
V
− + 1.0
V (Max)
I
OUT
Output Source Current
V
OUT = 2.5V, V
+
IN = 0V,
25
20
16
mA (Min)
V
−
IN = −0.3V
15
13
13
mA (Min)
I
SINK
Output Sink Current
V
OUT = 1.6V, V
+
IN = 0V,
17
14
13
mA (Min)
V
−
IN = 0.3V
98
8
mA (Min)
I
SHORT
Short Circuit Current
V
OUT = 0V,V
+
IN = 3V,
30
50
50
mA (Max)
V
−
IN = 2V
40
60
60
mA (Max)
V
OUT = 5V, V
+
IN = 2V,
30
60
70
mA (Max)
V
−
IN = 3V
32
80
90
mA (Max)
COMPARATORS
V
OS
Offset Voltage
4V
≤ V+ ≤ 36V (32V for LM613C),
1.0
3.0
5.0
mV (Max)
R
L = 15 kΩ
2.0
6.0
7.0
mV (Max)
Offset Voltage
0V
≤ V
CM ≤ 36V
1.0
3.0
5.0
mV (Max)
over V
CM
V
+ = 36V, (32V for LM613C)
1.5
6.0
7.0
mV (Max)
Average Offset
15
µV/˚C
Voltage Drift
(Max)
I
B
Input Bias Current
5
25
35
nA (Max)
830
40
nA (Max)
I
OS
Input Offset Current
0.2
4
4
nA (Max)
0.3
5
5
nA (Max)
A
V
Voltage Gain
R
L = 10 kΩ to 36V (32V for
LM613C)
500
V/mV
2V
≤ V
OUT ≤ 27V
100
V/mV
t
r
Large Signal
V
+
IN = 1.4V, V
−
IN = TTL Swing,
1.5
µs
Response Time
R
L = 5.1 kΩ
2.0
µs
I
SINK
Output Sink Current
V
+
IN = 0V, V
−
IN = 1V,
20
10
10
mA (Min)
V
OUT = 1.5V
13
8
8
mA (Min)
V
OUT = 0.4V
2.8
1.0
0.8
mA (Min)
2.4
0.5
0.5
mA (Min)
I
LEAK
Output Leakage
V
+
IN = 1V, V
−
IN = 0V,
0.1
10
10
µA (Max)
Current
V
OUT = 36V (32V for LM613C)
0.2
µA (Max)
VOLTAGE REFERENCE
V
R
Voltage Reference
(Note 10)
1.244
1.2365
1.2191
V (Min)
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com