Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM613 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM613
Description  Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM613 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM613 Datasheet HTML 1Page - National Semiconductor (TI) LM613 Datasheet HTML 2Page - National Semiconductor (TI) LM613 Datasheet HTML 3Page - National Semiconductor (TI) LM613 Datasheet HTML 4Page - National Semiconductor (TI) LM613 Datasheet HTML 5Page - National Semiconductor (TI) LM613 Datasheet HTML 6Page - National Semiconductor (TI) LM613 Datasheet HTML 7Page - National Semiconductor (TI) LM613 Datasheet HTML 8Page - National Semiconductor (TI) LM613 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Ordering Information
Reference
Tolerance & V
OS
Temperature Range
Package
NSC
Drawing
Military
Industrial
Commercial
−55˚C
≤ T
A ≤ +125˚C
−40˚C
≤ T
A ≤ +85˚C
0˚C
≤ T
A ≤ +70˚C
±0.6%
LM613AMN
LM613AIN
—
16-Pin
N16E
80 ppm/˚C Max.
Molded DIP
V
OS ≤ 3.5 mV
LM613AMJ/883
—
—
16-Pin
J16A
(Note 14)
Ceramic DIP
LM613AME/883
—
—
20-Pin
E20A
(Note 14)
LCC
±2.0%
LM613MN
LM613IN
LM613CN
16-Pin
N16E
150 ppm/˚C Max.
Molded DIP
V
OS ≤ 5.0 mV Max.
—
LM613IWM
16-Pin Wide
M16B
Surface Mount
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com