Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL2530 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HCPL2530
Description  Dual Channel, High Speed Optocouplers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL2530 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HCPL2530 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Electrical Specifications (DC)
Over recommended temperature (TA = 0°C to 70°C) unless otherwise specified. See note 9.
Parameter
Sym.
Device
Min. Typ.* Max. Units
Test Conditions
Fig. Note
Current
CTR
HCPL-2530/
7
18
50
%
TA = 25°CIF = 16 mA, 1, 2
1, 2
Transfer
0530
VCC = 4.5 V
4
Ratio
5
VO = 0.5 V
HCPL-2531/
19
24
50
%
TA = 25°C
0531
HCPL-4534/
15
0534
Logic Low
VOL
HCPL-2530/
0.1
0.5
V
TA = 25°CIO = 1.1 mA IF = 16 mA, 1
1
Output
0530
VCC = 4.5 V
Voltage
0.5
IO = 0.8 mA
HCPL-2531/
0.1
0.5
V
TA = 25°CIO = 3.0 mA
0531
HCPL-4534/
0.5
IO = 2.4 mA
0534
Logic High
IOH
0.003
0.5
µAT
A = 25°CVO = Open
IF = 0 mA
6
1
Output
VCC = 5.5 V
Current
50
TA = 25°CVO = Open
VCC = 15.0 V
Logic Low
ICCL
100
400
µAI
F = 16 mA, VO = Open,
Supply
VCC = 15 V
Current
Logic High
ICCH
0.05
4
µAI
F = 0 mA, VO = Open,
Supply
VCC = 15 V
Current
Input
VF
1.5
1.7
V
TA = 25°C3
1
Forward
IF = 16 mA
Voltage
1.8
Input
BVR
5V
IR=10 µA1
Reverse
Breakdown
Voltage
Temperature
∆V
F
-1.6
mV/
IF = 16 mA
Coefficient
∆T
A
°C
of Forward
Voltage
Input
CIN
60
pF
f = 1 MHz, VF = 0 V
1
Capacitance
*All typicals at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com