Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL2530 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HCPL2530
Description  Dual Channel, High Speed Optocouplers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL2530 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HCPL2530 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Notes:
1. Each channel.
2. CURRENT TRANSFER RATIO is
defined as the ratio of output
collector current, IO, to the forward
LED input current, IF, times 100%.
3. Device considered a two-terminal
device: pins 1, 2, 3, and 4 shorted
together and pins 5, 6, 7, and 8
shorted together.
4. Measured between pins 1 and 2
shorted together, and pins 3 and 4
shorted together.
5. Common mode transient immunity in
a Logic High level is the maximum
tolerable (positive) dVCM/dt on the
rising edge of the common mode
pulse, VCM, to assure that the output
will remain in a Logic High state (i.e.,
VO > 2.0 V). Common mode transient
immunity in a Logic Low level is the
maximum tolerable (negative)
dVCM/dt on the falling edge of the
common mode pulse signal, VCM, to
assure that the output will remain in a
Logic Low state (i.e., VO < 0.8 V).
6. The 1.9 k
Ω load represents 1 TTL
unit load of 1.6 mA and the 5.6 k
Ω
pull-up resistor.
7. The 4.1 k
Ω load represents 1 LSTTL
unit load of 0.36 mA and the 6.1 k
Ω
pull-up resistor.
8. The frequency at which the ac output
voltage is 3 dB below the low
frequency asymptote.
9. Use of a 0.1
µF bypass capacitor
connected between pins 5 and 8 is
recommended.
10. In accordance with UL 1577, each
optocoupler is proof tested by
applying an insulation test voltage
≥ 3000 V rms for 1 second (leakage
detection current limit, II-O ≤ 5 µA).
11. In accordance with UL 1577, each
optocoupler is proof tested by
applying an insulation test voltage
≥ 6000 V rms for 1 second (leakage
detection current limit, II-O ≤ 5 µA).
12. Measured between the LED anode and
cathode shorted together and pins 5
through 8 shorted together.
13. Derate linearly above 90
°C free-air
temperature at a rate of 3.0 mW/
°C
for the SOIC-8 package.
Figure 1. DC and Pulsed Transfer
Characteristics.
Figure 2. Current Transfer Ratio vs.
Input Current.
Figure 3. Input Current vs. Forward
Voltage.
0
10
20
VO – OUTPUT VOLTAGE – V
10
5
0
T = 25°C
V
= 5.0 V
A
CC
40 mA
35 mA
30 mA
25 mA
20 mA
15 mA
10 mA
I = 5 mA
F
NORMALIZED
I = 16 mA
V = 0.5 V
V
= 5 V
T = 25°C
F
O
CC
A
HCPL-2530/0530
HCPL-2531/0531/4534/0534
1.5
1.0
0.5
0.1
0
1
10
100
IF – INPUT CURRENT – mA
VF – FORWARD VOLTAGE – VOLTS
100
10
0.1
0.01
1.1
1.2
1.3
1.4
1.6
1.5
1.0
0.001
1000
IF
VF
+
T = 25°C
A
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com