Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL2530 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HCPL2530
Description  Dual Channel, High Speed Optocouplers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL2530 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCPL2530 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Figure 4. Current Transfer Ratio vs.
Temperature.
Figure 5. Propagation Delay vs.
Temperature.
Figure 6. Logic High Output Current vs.
Temperature.
Figure 8. Frequency Response.
Figure 7. Small-Signal Current Transfer
Ratio vs. Quiescent Input Current.
-50
+50
TA – TEMPERATURE – °C
10-2
-25
0
+25
+75
+100
10-1
10 0
10+1
10+2
10+3
10+4
VO = VCC = 5.0 V
IF = 0
HCPL-2531/0531/4534/0534
(R = 1.9 k
Ω)
2000
1500
1000
500
0
-60
-20
20
60
100
T – TEMPERATURE –
°C
A
t PHL
t PLH
I = 16 mA, V
= 5.0 V
F
CC
HCPL-2530/0530 (R = 4.1 k
Ω)
L
L
f – FREQUENCY – MHz
0
-20
0.01
0.1
1.0
-25
10
-30
TA = 25°C
IF = 16 mA
-15
-10
-5
RL = 100 Ω
RL = 220 Ω
RL = 470 Ω
RL = 1 kΩ
1
2
3
4
8
7
6
5
20 k
Ω
SET IF
+5 V
AC INPUT
0.1 µF
560
Ω
100
Ω
2N3053
1.6 V dc
0.25 Vp-p ac
0.1 µF
+5 V
VO
RL
1.1
1.0
0.9
0.8
0.7
0.6
-60
-20
0
80
TA – TEMPERATURE – °C
F
CC
A
-40
20
40
60
100
O
NORMALIZED
I = 16 mA
V = 0.5 V
V
= 5 V
T = 25°C
HCPL-2530/0530
HCPL-2531/0531/4534/0534
0
0.10
0.20
0.30
0
IF – QUIESCENT INPUT CURRENT – mA
24
16
4
8
12
20
TA = 25°C, RL = 100 Ω, VCC = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com