Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL2530 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HCPL2530
Description  Dual Channel, High Speed Optocouplers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL2530 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL2530 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Dual Channel, High Speed
Optocouplers
Technical Data
HCPL-2530
HCPL-0530
HCPL-2531
HCPL-0531
HCPL-4534
HCPL-0534
Features
• 15 kV/
µs Minimum Common
Mode Transient Immunity at
VCM = 1500 V
(HCPL-4534/0534)
• High Speed: 1 Mb/s
• TTL Compatible
• Available in 8 Pin DIP, SO-8,
and 8 Pin DIP – Gull Wing
Surface Mount (Option 020)
Packages
• High Density Packaging
• 3 MHz Bandwidth
• Open Collector Outputs
• Guaranteed Performance
from 0
°C to 70°C
• Safety Approval
UL Recognized – 2500 V rms
for 1 minute (5000 V rms for
1 minute for Option 020) per
UL1577
CSA Approved
• Single Channel Version
Available (4502/3, 0452/3)
• MIL-STD-1772 Version
Available (55XX/65XX/4N55)
Functional Diagram
Applications
• Line Receivers – High
Common Mode Transient
Immunity (>1000 V/
µs) and
Low Input-Output Capacitance
(0.6 pF)
• High Speed Logic Ground
Isolation – TTL/TTL, TTL/
LTTL, TTL/CMOS, TTL/LSTTL
• Replace Pulse Transformers
– Save Board Space and Weight
• Analog Signal Ground
Isolation – Integrated Photon
Detector Provides Improved
Linearity over Phototransistor
Type
• Polarity Sensing
• Isolated Analog Amplifier –
Dual Channel Packaging
Enhances Thermal Tracking
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to
prevent damage and/or degradation which may be induced by ESD.
A 0.1
µF bypass capacitor between pins 5 and 8 is recommended.
7
1
2
3
4
5
6
8
ANODE 1
CATHODE 1
CATHODE 2
ANODE 2
VCC
VO1
VO2
GND
TRUTH TABLE
(POSITIVE LOGIC)
LED
ON
OFF
VO
LOW
HIGH
Description
These dual channel optocouplers
contain a pair of light emitting
diodes and integrated photodetec-
tors with electrical insulation
between input and output.
Separate connection for the
photodiode bias and output
transistor collectors increase the
speed up to a hundred times that
of a conventional phototransistor
coupler by reducing the base-
collector capacitance.


Similar Part No. - HCPL2530

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HCPL2530 TI-HCPL2530 Datasheet
582Kb / 12P
OPTOCOUPLERS/OPTOISOLATORS
logo
Fairchild Semiconductor
HCPL2530 FAIRCHILD-HCPL2530 Datasheet
325Kb / 12P
High Speed Transistor Optocouplers
HCPL2530 FAIRCHILD-HCPL2530 Datasheet
325Kb / 12P
High Speed Transistor Optocouplers
HCPL2530 FAIRCHILD-HCPL2530 Datasheet
325Kb / 12P
High Speed Transistor Optocouplers
HCPL2530M FAIRCHILD-HCPL2530M Datasheet
363Kb / 13P
High Speed Transistor Optocouplers
More results

Similar Description - HCPL2530

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
6N135 HP-6N135 Datasheet
149Kb / 16P
Single Channel, High Speed Optocouplers
logo
Shenzhen Tenand Technol...
6N138 TENAND-6N138 Datasheet
698Kb / 15P
Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2530 AVAGO-HCPL-2530 Datasheet
179Kb / 14P
Dual Channel, High Speed Optocouplers High density packaging
6N136-500E AVAGO-6N136-500E Datasheet
691Kb / 17P
Single Channel, High Speed Optocouplers
HCPL-0531-500E AVAGO-HCPL-0531-500E Datasheet
179Kb / 14P
Dual Channel, High Speed Optocouplers
HCPL-4503-500E AVAGO-HCPL-4503-500E Datasheet
351Kb / 16P
Single Channel, High Speed Optocouplers
HCPL-2530-000E AVAGO-HCPL-2530-000E Datasheet
179Kb / 14P
Dual Channel, High Speed Optocouplers
HCNW136-300E AVAGO-HCNW136-300E Datasheet
444Kb / 16P
Single Channel, High Speed Optocouplers
6N136-020E AVAGO-6N136-020E Datasheet
479Kb / 16P
Single Channel, High Speed Optocouplers
logo
Lite-On Technology Corp...
6N135 LITEON-6N135 Datasheet
623Kb / 15P
Single Channel, High Speed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com