Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL2530 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HCPL2530
Description  Dual Channel, High Speed Optocouplers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL2530 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCPL2530 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
These dual channel optocouplers
are available in an 8 Pin DIP and
in an industry standard SO-8
package. The following is a cross
reference table listing the 8 Pin
DIP part number and the
electrically equivalent SO-8 part
number.
SO-8
8 Pin DIP
Package
HCPL-2530
HCPL-0530
HCPL-2531
HCPL-0531
HCPL-4534
HCPL-0534
The SO-8 does not require
“through holes” in a PCB. This
package occupies approximately
one-third the footprint area of the
standard dual-in-line package.
The lead profile is designed to be
compatible with standard surface
mount processes.
The HCPL-2530/0530 is for use in
TTL/CMOS, TTL/LSTTL or wide
bandwidth analog applications.
Current transfer ratio (CTR) for
the HCPL-2530/0530 is 7%
minimum at IF = 16 mA.
The HCPL-2531/0531 is designed
for high speed TTL/TTL
applications. A standard 16 mA
TTL sink current through the
input LED will provide enough
output current for 1 TTL load and
a 5.6 k
Ω pull-up resistor. CTR of
the HCPL-2531/0531 is 19%
minimum at IF = 16 mA.
The HCPL-4534/0534 is an
HCPL-2531/0531 with increased
common mode transient immunity
of 15,000 V/
µs minimum at
VCM = 1500 V guaranteed.
Selection Guide
Widebody
Minimum CMR
8-pin DIP (300 Mil)
Small-Outline SO-8
(400 Mil)
Hermetic
Current
Dual
Single
Dual
Single
Single
Single and
dV/dt
VCM
Transfer
Channel
Channel
Channel
Channel
Channel
Dual Channel
(V/
µs)
(V)
Ratio (%)
Package
Package*
Package
Package*
Package*
Packages*
1,000
10
7
HCPL-2530
6N135
HCPL-0530
HCPL-0500
HCNW135
19
HCPL-2531
6N136
HCPL-0531
HCPL-0501
HCNW136
HCPL-4502
HCPL-0452
HCNW4502
15,000
1500
19
HCPL-4534
HCPL-4503
HCPL-0534
HCPL-0453
HCNW4503
1,000
10
9
HCPL-55XX
HCPL-65XX
4N55
*Technical data for these products are on separate HP publications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com