Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL2530 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HCPL2530
Description  Dual Channel, High Speed Optocouplers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL2530 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HCPL2530 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL2530 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Package Characteristics
Parameter
Sym.
Device
Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
Input-Output
VISO
2500
V rms
RH < 50%,
3, 10
Momentary With-
t = 1 min.,
stand Voltage**
Resistance
RI-O
1012
Ω
RH
≤ 45%
3
(Input-Output)
VI-O = 500 Vdc,
t = 5 s
Capacitance
CI-O
0.6
pF
f = 1 MHz,
12
(Input-Output)
TA = 25°C
Input-Input
II-I
0.005
µA
RH
≤ 45%,
4
Insulation
t = 5 s,
Leakage Current
VI-I = 500 Vdc
Resistance
RI-I
1011
Ω
4
(Input-Input)
Capacitance
CI-I
HCPL-2530/
0.03
pF
f = 1 MHz
4
(Input-Input)
2531/4534
HCPL-0530/
0.25
0531/0534
*All typicals at T
A = 25°C.
**The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output
continuous voltage rating. For the continuous voltage rating refer to the VDE 0884 Insulation Characteristics Table (if applicable),
your equipment level safety specification or HP Application Note 1074 entitled “Optocoupler Input-Output Endurance Voltage,”
publication number 5963-2203E.
Device
Parameter
Sym.
HCPL-
Min. Typ.* Max. Units
Test Conditions
Fig. Note
Propagation
tPHL
2530/0530
0.2
1.5
µsT
A = 25°CRL = 4.1 kΩ
5, 9,
6, 7
Delay Time
2.0
11
to Logic Low
2531/0531/
0.2
0.8
TA = 25°CRL = 1.9 kΩ
at Output
4534/0534
1.0
Propagation
tPLH
2530/0530
1.3
1.5
µsT
A = 25°CRL = 4.1 kΩ
5, 9,
6, 7
Delay Time
2.0
11
High to Logic
2531/0531/
0.6
0.8
TA = 25°CRL = 1.9 kΩ
at Output
4534/0534
1.0
Common
|CMH| 2530/0530
1
10
kV/
µsR
L = 4.1 kΩ
IF = 0 mA,
10
5, 6,
Mode Transient
2531/0531
1
10
RL = 1.9 kΩ TA = 25°C,
7
Immunity at
4534/0534
15
30
RL = 1.9 kΩ VCM = 10 Vp-p
Logic High
Level Output
Common
|CML| 2530/0530
1
10
kV/
µsR
L = 4.1 kΩ
IF = 0 mA,
10
5, 6,
Mode Transient
2531/0531
1
10
RL = 1.9 kΩ TA = 25°C,
7
Immunity at
4534/0534
15
30
RL = 1.9 kΩ VCM = 10 Vp-p
Logic Low
Level Output
Bandwidth
BW
3
MHz
RL = 100 kΩ
7, 8
*All typicals at TA = 25°C.
Switching Specifications (AC)
Over recommended temperature (TA = 0°C to 70°C), VCC = 5 V, IF = 16 mA unless otherwise specified.
HCPL-2530/
2531/4534
Option 020
3, 11
5000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com