Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RP173Q552B-TR-FE Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # RP173Q552B-TR-FE
Description  Output Current Typ. 150mA
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP173Q552B-TR-FE Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button RP173Q552B-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 10Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 11Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 12Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 13Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 14Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
RP173x
11
TYPICAL CHARACTERISTICS
1) Output Voltage vs. Output Current (C1
=Ceramic 0.1μF, C2=Ceramic 0.1μF, Topt=25°C)
RP173x12xx
RP173x18xx
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
100
200
300
400
Output Current IOUT (mA)
Vdd=2.5V
Vdd=3.2V
Vdd=4.2V
Vdd=5.5V
Vdd=7.7V
0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
100
200
300
400
Output Current IOUT (mA)
Vdd=2.8V
Vdd=3.8V
Vdd=5.5V
Vdd=8.3V
0
RP173x30xx
RP173x55xx
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
100
200
300
400
Output Current IOUT (mA)
Vdd=4V
Vdd=5.5V
Vdd=9.5V
0
0
1
2
3
4
5
6
0
100
200
300
400
Output Current IOUT (mA)
Vdd=6.5V
Vdd=11V
0
2) Output Voltage vs. Input Voltage (C1
=Ceramic 0.1μF, C2=Ceramic 0.1μF, Topt=25°C)
RP173x12xx
RP173x18xx
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
02
46
Input Voltage VIN (V)
IOUT=1mA
IOUT=30mA
IOUT=50mA
0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
02
4
68
Input Voltage VIN (V)
IOUT=1mA
IOUT=30mA
IOUT=50mA
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com