Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RP173Q552B-TR-FE Datasheet(PDF) 19 Page - RICOH electronics devices division

Part # RP173Q552B-TR-FE
Description  Output Current Typ. 150mA
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP173Q552B-TR-FE Datasheet(HTML) 19 Page - RICOH electronics devices division

Back Button RP173Q552B-TR-FE Datasheet HTML 14Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 15Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 16Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 17Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 18Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 19Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 20Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 21Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 22Page - RICOH electronics devices division  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
RP173x
19
12) Turn on Speed (C1
=Ceramic 0.1μF, C2=Ceramic 0.1μF, Topt=25°C)
RP173x12xx
RP173x18xx
0.0
0.5
1.0
1.5
-100 -50
0
50 100 150 200 250 300 350 400
Time t (µs)
0
2
4
6
Iout=0mA
Iout=1mA
Iout=30mA
Iout=100mA
CE Input Voltage
0V
⇒2.5V
Output Voltage
CE Input Voltage 0V
⇒4.0V
VIN=2.5V (IOUT=0,1,30mA)
VIN=4.0V (IOUT=100mA)
0
0.0
1.0
2.0
-100 -50
0
50 100 150 200 250 300 350 400
Time t (µs)
0
2
4
6
Iout=0mA
Iout=1mA
Iout=30mA
Iout=100mA
CE Input Voltage
0V
⇒2.8V
Output Voltage
CE Input Voltage 0V
⇒4.0V
VIN=2.8V (IOUT=0,1,30mA)
VIN=4.0V (IOUT=100mA)
0
RP173x30xx
RP173x55xx
0.0
1.0
2.0
3.0
-100 -50
0
50
100 150 200 250 300 350 400
Time t (µs)
0
2
4
6
Iout=0mA
Iout=1mA
Iout=30mA
Iout=100mA
Output Voltage
CE Input Voltage
0V
⇒ 4.0V
VIN=4.0V
0
0.0
2.0
4.0
6.0
-100 -50
0
50 100 150 200 250 300 350 400
Time t (µs)
0
3
5
8
Iout=0mA
Iout=1mA
Iout=30mA
Iout=100mA
Output Voltage
CE Input Voltage
0V
⇒6.5V
VIN=6.5V
0
13) Turn off Speed with CE pin (C1
=Ceramic 0.1μF, C2=Ceramic 0.1μF, Topt=25°C)
RP173x12xx
RP173x18xx
0.0
0.5
1.0
1.5
-100 -50
0
50
100 150 200 250 300 350 400
Times t (µs)
0
2
4
6
Iout=0mA
Iout=1mA
Iout=30mA
Iout=100mA
Output Voltage
CE Input Voltage
2.5V
⇒0V
CE Input Voltage
4.0V
⇒0V
VIN=2.5V(IOUT=0,1,30mA)
VIN=4.0V(IOUT=100mA)
0
0.0
1.0
2.0
-100 -50
0
50
100 150 200 250 300 350 400
Times t (µs)
0
2
4
6
Iout=0mA
Iout=1mA
Iout=30mA
Iout=100mA
Output Voltage
CE Input Voltage
2.8V
⇒0V
CE Input Voltage
4.0V
⇒0V
VIN=2.8V(IOUT=0,1,30mA)
VIN=4.0V(IOUT=100mA)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com