Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RP173Q552B-TR-FE Datasheet(PDF) 20 Page - RICOH electronics devices division

Part # RP173Q552B-TR-FE
Description  Output Current Typ. 150mA
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP173Q552B-TR-FE Datasheet(HTML) 20 Page - RICOH electronics devices division

Back Button RP173Q552B-TR-FE Datasheet HTML 14Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 15Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 16Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 17Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 18Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 19Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 20Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 21Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 22Page - RICOH electronics devices division  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
RP173x
20
RP173x30xx
RP173x55xx
0.0
1.5
3.0
4.5
-100 -50
0
50
100 150 200 250 300 350 400
Times t (µs)
0
2
4
6
Iout=0mA
Iout=1mA
Iout=30mA
Iout=100mA
CE Input Voltage
4.0V
⇒0V
Output Voltage
VIN=4.0V
0
0.0
2.0
4.0
6.0
-100 -50
0
50
100 150 200 250 300 350 400
Times t (µs)
0.0
2.5
5.0
7.5
Iout=0mA
Iout=1mA
Iout=30mA
Iout=100mA
CE Input Voltage
6.5V
⇒0V
Output Voltage
VIN=6.5V
0
ESR vs.Output Current
When using these ICs, consider the following points:The relations between IOUT (Output Current) and ESR of
an output capacitor are shown below.The conditions when the white noise level is under 40
μV (Avg.) are marked
as the hatched area in the graph.
Measurement Conditions
Frequency Band : 10Hz to 2MHz
Temperature
:
−40゚C to 85゚C
C1,C2
:0.1
μF
RP173x0121x
RP173x301x
0.01
0.1
1
10
100
0
25
50
75
100
125
150
Output Current (mA)
VIN=2.5V~7.7V
0.01
0.1
1
10
100
0
25
50
75
100
125
150
Output Current (mA)
VIN=3.0V~9.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com