Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RP173Q552B-TR-FE Datasheet(PDF) 14 Page - RICOH electronics devices division

Part # RP173Q552B-TR-FE
Description  Output Current Typ. 150mA
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP173Q552B-TR-FE Datasheet(HTML) 14 Page - RICOH electronics devices division

Back Button RP173Q552B-TR-FE Datasheet HTML 10Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 11Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 12Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 13Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 14Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 15Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 16Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 17Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 18Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
RP173x
14
RP173x55xx
0
50
100
150
200
250
300
350
400
450
500
0
25
50
75
100
125
150
Output Current IOUT (mA)
85
℃
25
℃
-40
℃
6) Dropout Voltage vs. Set Output Voltage (C1
=Ceramic 0.1μF, C2=Ceramic 0.1μF, Topt=25°C)
RP173x
0
200
400
600
800
1000
1200
1400
1600
1800
01
2
3
45
6
Set Output Voltage VREG (V)
Iout=150mA
Iout=50mA
Iout=30mA
7) Minimum Operating Voltage (C1
=Ceramic 0.1μF, C2=Ceramic 0.1μF, Topt=−40~85°C)
2.0
2.5
3.0
3.5
4.0
0
25
50
75
100
125
150
Output Current IOUT (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com