Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RP173Q552B-TR-FE Datasheet(PDF) 17 Page - RICOH electronics devices division

Part # RP173Q552B-TR-FE
Description  Output Current Typ. 150mA
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP173Q552B-TR-FE Datasheet(HTML) 17 Page - RICOH electronics devices division

Back Button RP173Q552B-TR-FE Datasheet HTML 13Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 14Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 15Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 16Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 17Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 18Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 19Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 20Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 21Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
RP173x
17
RP173x12xx
RP173x18xx
0.6
0.8
1.0
1.2
1.4
1.6
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Time t (ms)
2.5
3.0
3.5
4.0
Input Voltage
Output Voltage
IOUT=30mA
1.2
1.4
1.6
1.8
2.0
2.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Time t (ms)
2.5
3.0
3.5
4.0
Input Voltage
Output Voltage
IOUT=30mA
RP173x30xx
RP173x55xx
2.4
2.6
2.8
3.0
3.2
3.4
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Time t (ms)
4.0
4.5
5.0
5.5
Input Voltage
Output Voltage
IOUT=30mA
4.9
5.1
5.3
5.5
5.7
5.9
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Time t (ms)
6.5
7.0
7.5
8.0
Input Voltage
Output Voltage
IOUT=30mA
11) Load Transient Response (C1
=Ceramic 0.1μF,C2=Ceramic 0.1μF, tr=tf=0.5μs,Topt=25°C)
RP173x12xx
RP173x18xx
0.6
0.8
1.0
1.2
1.4
1.6
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Time t (ms)
0
10
20
Output Current
1mA
⇔10mA
Output Voltage
VIN=2.5V
1.2
1.4
1.6
1.8
2.0
2.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Time t (ms)
0
10
20
Output Current
1mA
⇔10mA
Output Voltage
VIN=2.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com