Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RP173Q552B-TR-FE Datasheet(PDF) 13 Page - RICOH electronics devices division

Part # RP173Q552B-TR-FE
Description  Output Current Typ. 150mA
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP173Q552B-TR-FE Datasheet(HTML) 13 Page - RICOH electronics devices division

Back Button RP173Q552B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 10Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 11Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 12Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 13Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 14Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 15Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 16Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 17Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
RP173x
13
4) Output Voltage vs. Temperature (C1
=Ceramic 0.1μF, C2=Ceramic 0.1μF, IOUT=1mA)
RP173x12xx
RP173x18xx
1.17
1.18
1.19
1.20
1.21
1.22
1.23
1.24
-50
-25
0
25
50
75
100
Temperature Topt (°C)
1.77
1.78
1.79
1.80
1.81
1.82
1.83
1.84
-50
-25
0
25
50
75
100
Temperature Topt (°C)
RP173x30xx
RP173x55xx
2.96
2.97
2.98
2.99
3.00
3.01
3.02
3.03
-50
-25
0
25
50
75
100
Temperature Topt (°C)
5.42
5.44
5.46
5.48
5.50
5.52
5.54
5.56
-50
-25
0
25
50
75
100
Temperature Topt (°C)
5) Dropout Voltage vs. Output Current (C1
=Ceramic 0.1μF, C2=Ceramic 0.1μF)
RP173x12xx
RP173x30xx
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0
25
50
75
100
125
150
Output Current IOUT (mA)
85
℃
25
℃
-40
℃
0
100
200
300
400
500
600
700
800
0
25
50
75
100
125
150
Output Current IOUT (mA)
85
℃
25
℃
-40
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com