Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C366BDR Datasheet(PDF) 35 Page - NXP Semiconductors

Part # P83C366BDR
Description  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C366BDR Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button P83C366BDR Datasheet HTML 31Page - NXP Semiconductors P83C366BDR Datasheet HTML 32Page - NXP Semiconductors P83C366BDR Datasheet HTML 33Page - NXP Semiconductors P83C366BDR Datasheet HTML 34Page - NXP Semiconductors P83C366BDR Datasheet HTML 35Page - NXP Semiconductors P83C366BDR Datasheet HTML 36Page - NXP Semiconductors P83C366BDR Datasheet HTML 37Page - NXP Semiconductors P83C366BDR Datasheet HTML 38Page - NXP Semiconductors P83C366BDR Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 92 page
background image
1999 Mar 10
35
Philips Semiconductors
Product specification
Microcontrollers for PAL/SECAM TV
with OSD and VST
P8xCx66 family
15 ANALOG CONTROL
The P8xCx66 has nine Pulse Width Modulated (PWM)
outputs for analog control purposes e.g., volume, balance,
brightness, voltage synthesized tuning etc. Each PWM
output generates a pulse pattern with a programmable
duty cycle.
The nine PWM outputs are specified below:
• 8 PWM outputs with 7-bit resolution (PWM0 to PWM7)
• 1 PWM output with 14-bit resolution (TPWM).
The 7-bit PWM outputs are described in Section 15.1 and
the 14-bit PWM output is described in Section 15.2.
15.1
7-bit PWM outputs (PWM0 to PWM7)
The block diagram of a typical 7-bit PWM circuit is shown
in Fig.19.
PWM outputs PWM0 to PWM7 share the same pins as
general I/O port lines P5.1 to P5.7 and P3.3 respectively.
Selection of the pin function as either a PWM output or
general I/O port line is achieved by setting the PWMnE bit
in the associated PWM register (where n = 0 to 7).
The PWM registers are shown in Table 38.
The clock frequency of each PWM circuit is 1
⁄4fosc and
therefore the repetition frequency of each 7-bit PWM
output is 1
⁄512fosc.
The polarity of each PWM output is fixed active HIGH.
The HIGH period of each PWM output is dependent upon
the contents of the PWM data latch and may be calculated
as shown below:
where (PWMn) is the decimal value held in the PWMn data
latch
The PWM output analog value is determined by the ratio
of the HIGH period and the repetition period. A DC voltage
proportional to the PWM control setting is obtained by
means of an external integration network (low-pass filter)
connected to the PWM output pin.
The rising edge of each of the 8 PWM outputs is separated
by one 1
⁄4fosc cycle, this is shown in Fig.21. PWM1 will
always start at ‘2’, and PWM5 will start at ‘6’ independent
of other PWMs value.
Figure 20 shows active HIGH PWM output patterns.
t
HIGH
4
PWMn
()
×
f
osc
----------------------------------
=
Table 38 7-bit PWM data registers
REGISTER
ADDRESS
76543210
PWM0
E4H
PWM0E
data6
data5
data4
data3
data2
data1
data0
PWM1
E5H
PWM1E
data6
data5
data4
data3
data2
data1
data0
PWM2
E6H
PWM2E
data6
data5
data4
data3
data2
data1
data0
PWM3
E7H
PWM3E
data6
data5
data4
data3
data2
data1
data0
PWM4
ECH
PWM4E
data6
data5
data4
data3
data2
data1
data0
PWM5
EDH
PWM5E
data6
data5
data4
data3
data2
data1
data0
PWM6
EEH
PWM6E
data6
data5
data4
data3
data2
data1
data0
PWM7
EFH
PWM7E
data6
data5
data4
data3
data2
data1
data0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com