Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C366BDR Datasheet(PDF) 16 Page - NXP Semiconductors

Part # P83C366BDR
Description  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C366BDR Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button P83C366BDR Datasheet HTML 12Page - NXP Semiconductors P83C366BDR Datasheet HTML 13Page - NXP Semiconductors P83C366BDR Datasheet HTML 14Page - NXP Semiconductors P83C366BDR Datasheet HTML 15Page - NXP Semiconductors P83C366BDR Datasheet HTML 16Page - NXP Semiconductors P83C366BDR Datasheet HTML 17Page - NXP Semiconductors P83C366BDR Datasheet HTML 18Page - NXP Semiconductors P83C366BDR Datasheet HTML 19Page - NXP Semiconductors P83C366BDR Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 92 page
background image
1999 Mar 10
16
Philips Semiconductors
Product specification
Microcontrollers for PAL/SECAM TV
with OSD and VST
P8xCx66 family
9.6
Power Control Register (PCON)
PCON is byte addressable only.
Table 4
Power Control Register (SFR address 87H)
Table 5
Description of PCON bits
76543210
−−−
WLE
GF1
GF0
0
IDL
BIT
SYMBOL
DESCRIPTION
7
−
These 3 bits are reserved.
6
−
5
−
4
WLE
Watchdog Load Enable. If WLE = 1, the Watchdog timer can be loaded. If WLE = 0,
the Watchdog timer cannot be loaded.
3
GF1
General purpose flag 1.
2
GF0
General purpose flag 0.
1
−
This bit is reserved and must be set to a logic 0.
0
IDL
Idle mode select. If IDL = 1, the Idle mode is selected. If IDL = 0, the Idle mode is
inhibited, i.e. normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com